Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 26 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 20Page - Linear Technology LT1432CS8 Datasheet HTML 21Page - Linear Technology LT1432CS8 Datasheet HTML 22Page - Linear Technology LT1432CS8 Datasheet HTML 23Page - Linear Technology LT1432CS8 Datasheet HTML 24Page - Linear Technology LT1432CS8 Datasheet HTML 25Page - Linear Technology LT1432CS8 Datasheet HTML 26Page - Linear Technology LT1432CS8 Datasheet HTML 27Page - Linear Technology LT1432CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LT1432
POSITIVE TO EGATIVE CO VERTER
LT1271 operates from a constant 5V supply voltage rather
than the high input voltage.
Output voltage ripple in an inverter can be much higher
than a buck converter because current is delivered to the
output capacitor in high amplitude square waves rather
than a DC level with superimposed tri-wave. C2 is there-
fore somewhat larger than in a buck design. Also C2 must
be rated to handle the large RMS current pulses fed into it.
This RMS current is approximately equal to:
I
V
V
OUT
OUT
IN
For 1A output current, with 5V input, this computes to
1ARMS in the output capacitor. A small additional output
filter would reduce output ripple voltage, but it does not
change the current rating requirement for the main output
capacitor. The reader is referred to a switching regulator
CAD program (SwitcherCAD) supplied by LTC for further
insight into converters. It is suggested that the reader fool
the program by asking for a negative input, positive output
design. It will then select the LT1070 family of ICs which
normally are not used in positive to negative converters.
Efficiency calculations will be somewhat in error at higher
input voltages because the program assumes full input
voltage across the IC. Later versions of SwitcherCAD will
have a special section for this particular design.
Figure 25. Positive-to-Negative Converter Efficiency
OUTPUT CURRENT (A)
0
80
90
100
0.8
LT1432 F25
70
60
50
0.2
0.4
0.6
1.0
VIN = 5V
VIN = 10V
VIN = 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com