Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 14Page - Linear Technology LT1432CS8 Datasheet HTML 15Page - Linear Technology LT1432CS8 Datasheet HTML 16Page - Linear Technology LT1432CS8 Datasheet HTML 17Page - Linear Technology LT1432CS8 Datasheet HTML 18Page - Linear Technology LT1432CS8 Datasheet HTML 19Page - Linear Technology LT1432CS8 Datasheet HTML 20Page - Linear Technology LT1432CS8 Datasheet HTML 21Page - Linear Technology LT1432CS8 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LT1432
S
APPLICATI
I FOR ATIO
in mind when adding an output filter is that if the filter
capacitor is small, it may allow large output perturbations
if large load transients occur. This effect should be care-
fully checked before finalizing any filter design. For more
details on output filters, consult Application Notes 19
and 44.
Output Capacitor
To avoid overheating, the output capacitor must be large
enough to handle the ripple current generated by the main
inductor. It must also have low enough effective series
resistance (ESR) to meet output ripple voltage require-
ments. RMS ripple current in the output capacitor is given
by:
I
VV – V
3.5V (f)(L)
RIPPLE(RMS)
OUT
IN
OUT
IN
=
()
(use maximum VIN)
For VIN = 15V, f = 60kHz, L = 50µH,
I
5(15 – 5)
3.5 15 60E
50E
0.32A
RIPPLE(RMS)
3–6
RMS
=
() 
=
Ripple current ratings are specified on capacitors intended
for switching applications, but the number is subject to
much manipulation. The high frequency number is greater
than the low frequency value, and theoretically one can
multiply the ripple number by significant amounts at
temperatures below the typical 85
°Cor105°Cratingpoint.
The problem is that the ripple ratings are already unreal-
istically high at the rated temperature because they are
typically based on a 2000 hour life. I assume this is an
unacceptable lifetime number, so the ripple rating must be
reduced to extend life. The net result of all this fiddling
with the numbers is generally a headache, but it is prob-
ably conservative to use the stated high frequency rating
at temperatures below 60
°C for a 105°C capacitor, and
assume that the unit will last at least 50,000 hours.
Remember to factor in
actual operating time at elevated
temperatures. Laptop computers, for instance, might be
expected to operate no more than four hours a day on
Input Supply Bypass Capacitor
The input capacitor on a step-down (buck) switching
regulator must handle switching currents with a peak-to-
peak amplitude at least equal to the output current. The
RMS value of capacitor current is approximately equal to:
I
IV
V – V
V
RMS
OUT
OUT
IN
OUT
1/2
IN
=
()
[]
This formula has a maximum at VIN = 2VOUT, where IRMS
is equal to IOUT/2. This simple worst case condition is
commonly used for design because even significant de-
viations from VIN/2 do not offer much relief. A 2A output
(transient loads can be ignored if they last less than 30
seconds) therefore requires an input capacitor with a 1A
ripple current rating.
Don’t cheat, and read the output
capacitor section for details on ripple current! The input
capacitor may well be the largest component in the switch-
ing regulator. Spend time playing with aspect ratios of
various capacitor families and don’t hesitate to parallel
several units to achieve a low profile.
Output Voltage Ripple
Output voltage ripple is determined by the main inductor
value, switching frequency, input voltage, and the ESR
(effective series resistance) of the output capacitor. The
following formula assumes a load current high enough to
establish continuous current in the inductor.
Output Ripple Voltage = Vp-p
=
()( )
V
V – V
ESR
V (f)(L)
V
OUT
IN
OUT
IN
p-p
With VIN = 12V, ESR = 0.05Ω, f = 60kHz, and L = 50µH
V
5(12 – 5)(0.05)
12 60E
50E
= 48.6mV
p-p
3–6
p-p
= ()
If low output ripple voltage is a requirement, larger output
capacitors and/or inductors may not be the answer. An
output filter can be added at modest cost which will
attenuate ripple much more space-effectively than an
oversized output capacitor or inductor. The thing to keep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com