Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1432CS8 Datasheet HTML 20Page - Linear Technology LT1432CS8 Datasheet HTML 21Page - Linear Technology LT1432CS8 Datasheet HTML 22Page - Linear Technology LT1432CS8 Datasheet HTML 23Page - Linear Technology LT1432CS8 Datasheet HTML 24Page - Linear Technology LT1432CS8 Datasheet HTML 25Page - Linear Technology LT1432CS8 Datasheet HTML 26Page - Linear Technology LT1432CS8 Datasheet HTML 27Page - Linear Technology LT1432CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LT1432
POSITIVE TO EGATIVE CO VERTER
The circuit in Figure 22 will convert a variable positive input
voltage to a regulated –5V output. By selecting different
members of the LT1070 family, this basic design can
provide up to 6A output current at high input voltages, and
up to 3A with a five volt input supply. As shown using an
LT1271, maximum load current has been reduced to 1A by
utilizing the current limit circuit in the LT1432. Unlike a
positive buck converter, it is not possible to sense output
current directly. Instead, switch/inductor current is sensed.
This would normally result in a DC output current limit
value that changes considerably with input voltage, but the
addition of R2 and R3 alters peak current limit as a function
of input voltage to correct for this effect. Maximum load
current and short circuit current are shown as a function
Figure 22. Positive-to-Negative Converter
of input voltage in Figure 23. A 0.02
Ω sense resistor was
used, so other values of current limit can be scaled from
this value.
This circuit uses the same basic connections between the
LT1432 and the LT1271 as the buck converter. The differ-
ence is in the way power flows in the catch diode, inductor,
and switch. In a buck converter, current flows simulta-
neously in the switch, inductor, and output. This makes
maximum output current approximately equal to maxi-
mum switch current. In inverting designs, current deliv-
ered to the output is zero during switch on-time. The
switch allows current to flow directly from the input supply
through the inductor to ground. At switch turn-off, induc-
VSW
FB
GND
VIN
VC
LT1271
C1
330
µF
35V
C3
22
µF
16V
R1
680
Ω
C6
0.02
µF
D2
1N4148
C2
1000
µF
16V
L1
50
µH
INPUT
4.5V – 25V
D1
MBR330p
C4
0.047
µF
R3
100k
+
+
R2
100
Ω
C5
0.03
µF
× ×
OPTIONAL
OUTPUT
FILTER
100
µF
16V
10
µH
3A
–5V
OUTPUT
LT1432 F22
+
R4
0.02
Ω
VC
GND
VIN
MODE
DIODE
VOUT
VLIM
V+
LT1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com