Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1432CS8
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1432CS8 Datasheet HTML 1Page - Linear Technology LT1432CS8 Datasheet HTML 2Page - Linear Technology LT1432CS8 Datasheet HTML 3Page - Linear Technology LT1432CS8 Datasheet HTML 4Page - Linear Technology LT1432CS8 Datasheet HTML 5Page - Linear Technology LT1432CS8 Datasheet HTML 6Page - Linear Technology LT1432CS8 Datasheet HTML 7Page - Linear Technology LT1432CS8 Datasheet HTML 8Page - Linear Technology LT1432CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1432
5V High Efficiency Step-Down
Switching Regulator Controller
S
FEATURE
The LT1432 is a control chip designed to operate with the
LT1170/LT1270 family of switching regulators to make a
very high efficiency 5V step-down (buck) switching regula-
tor. A minimum of external components is needed.
Included is an accurate current limit which uses only 60mV
sense voltage and uses “free” PC board trace material for
the sense resistor. Logic controlled electronic shutdown
mode draws only 15
µA battery current. The switching
regulator operates down to 6V input.
The LT1432 has a logic controlled “burst” mode to achieve
high efficiency at very light load currents (0 to 100mA) such
as memory keep-alive. In normal switching mode, the
standby power loss is about 60mW, limiting efficiency at
light loads. In burst mode, standby loss is reduced to
approximately 15mW. Output current in this mode is
typically in the 5mA to 100mA range.
The LT1432 is available in 8-pin surface mount and DIP
packages. The LT1170/LT1270 family will also be available
in a surface mount version of the 5-pin TO-220 package.
For 3.3V versions contact Linear Technology Corporation.
DESCRIPTIO
s
Accurate Preset +5V Output
s
Up to 90% Efficiency
s
Optional Burst Mode for Light Loads
s
Can be Used with Many LTC Switching ICs
s
Accurate Ultra-Low-Loss Current Limit
s
Operates with Inputs from 6V to 30V
s
Shutdown Mode Draws Only 15
µA
s
Uses Small 50
µH Inductor
S
APPLICATI
s
Laptop and Palmtop Computers
s
Portable Data-Gathering Instruments
s
DC Bus Distribution Systems
s
Battery-Powered Digital Widgets
0
60
70
80
90
100
1A
2A
3A
20mA
LT1432 TA02
40mA
60mA
0
NORMAL MODE
(USE AMPS SCALE)
BURST MODE
(USE mA SCALE)
LT1271, L = 50
µH
Efficiency
Figure 1. High Efficiency 5V Buck Converter
APPLICATI
TYPICAL
+
VSW
FB
GND
VIN
VC
LT1170
LT1271
VC
GND
VIN
MODE
DIODE
VOUT
VLIM
V+
+
C1
330
µF
35V
C6
0.02
µF
C4
0.1
µF
R1
680
Ω
C5
0.03
µF
D1
MBR330p
C3
4.7
µF
TANT
D2
1N4148
L1
50
µH
R2*
0.013
Ω
C2
390
µF
16V
VOUT
5V
3A**
+
×
MODE LOGIC
220pF
<0.3V = NORMAL MODE
>2.5V = SHUTDOWN
OPEN = BURST MODE
* R2 IS MADE FROM PC BOARD
COPPER TRACES.
** MAXIMUM CURRENT IS DETERMINED
BY THE CHOICE OF LT1070 FAMILY.
SEE APPLICATION SECTION.
LT1432
VIN
LT1432 TA01
OPTIONAL
OUTPUT
FILTER
100
µF
16V
10
µH
3A
+


Similar Part No. - LT1432CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432CS8-3.3 LINER-LT1432CS8-3.3 Datasheet
269Kb / 8P
3.3V High Efficiency Step-Down Switching Regulator Controller
More results

Similar Description - LT1432CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_1 Datasheet
112Kb / 8P
5V Step-Down Switching Regulator
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
3.3V High Efficiency Step-Down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
High Efficiency Step-down Switching Regulator
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
High Efficiency Step-down Switching Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
Linear Technology
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
5V Step-Down Switching Regulator
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
5V High Efficiency Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
high efficiency Step-down Switching Regulator Controller
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com