Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 104Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 105Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 106Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 107Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 108Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 109Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 110Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 111Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 160 page
background image
PIC16F62X
DS40300B-page 108
Preliminary
© 1999 Microchip Technology Inc.
14.6.1
RB0/INT INTERRUPT
External interrupt on RB0/INT pin is edge triggered:
either rising if INTEDG bit (OPTION<6>) is set, or fall-
ing, if INTEDG bit is clear. When a valid edge appears
on the RB0/INT pin, the INTF bit (INTCON<1>) is set.
This interrupt can be disabled by clearing the INTE
control bit (INTCON<4>). The INTF bit must be cleared
in software in the interrupt service routine before
re-enabling this interrupt. The RB0/INT interrupt can
wake-up the processor from SLEEP, if the INTE bit was
set prior to going into SLEEP. The status of the GIE bit
decides whether or not the processor branches to the
interrupt vector following wake-up. See Section 14.9 for
details on SLEEP and Figure 14-19 for timing of
wake-up from SLEEP through RB0/INT interrupt.
14.6.2
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will
set the T0IF (INTCON<2>) bit. The interrupt can
be
enabled/disabled
by
setting/clearing
T0IE
(INTCON<5>) bit. For operation of the Timer0 module,
see Section 6.0.
14.6.3
PORTB INTERRUPT
An input change on PORTB <7:4> sets the RBIF
(INTCON<0>) bit. The interrupt can be enabled/dis-
abled by setting/clearing the RBIE (INTCON<4>) bit.
For operation of PORTB (Section 5.2).
14.6.4
COMPARATOR INTERRUPT
See Section 9.6 for complete description of comparator
interrupts.
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RBIF inter-
rupt flag may not get set.
FIGURE 14-17: INT PIN INTERRUPT TIMING
TABLE 14-8:
SUMMARY OF INTERRUPT REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on POR
Reset
Value on all
other resets(1)
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF
0000 -000
0000 -000
8Ch
PIE1
EEIE
CMIE
RCIE
TXIE
—
CCP1IE
TMR2IE
TMR1IE
0000 -000
0000 -000
Note 1:
Other (non power-up) resets include MCLR reset, Brown-out Reset and Watchdog Timer Reset during normal operation.
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
OSC1
CLKOUT
INT pin
INTF flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
fetched
Instruction
executed
Interrupt Latency
PC
PC+1
PC+1
0004h
0005h
Inst (0004h)
Inst (0005h)
Dummy Cycle
Inst (PC)
Inst (PC+1)
Inst (PC-1)
Inst (0004h)
Dummy Cycle
Inst (PC)
—
1
4
5
1
2
3
Note 1:
INTF flag is sampled here (every Q1).
2: Asynchronous interrupt latency = 3-4 Tcy. Synchronous latency = 3 Tcy, where Tcy = instruction cycle time. Latency
is the same whether Inst (PC) is a single cycle or a 2-cycle instruction.
3: CLKOUT is available only in ER oscillator mode.
4: For minimum width of INT pulse, refer to AC specs.
5: INTF is enabled to be set anytime during the Q4-Q1 cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com