Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 105Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 106Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 107Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 108Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 109Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 110Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 111Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 112Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 109
PIC16F62X
14.7
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key reg-
isters during an interrupt e.g. W register and STATUS
register. This will have to be implemented in software.
Example 14-1 stores and restores the STATUS and W
registers. The user register, W_TEMP, must be defined
in both banks and must be defined at the same offset
from the bank base address (i.e., W_TEMP is defined
at 0x20 in Bank 0 and it must also be defined at 0xA0
in Bank 1). The user register, STATUS_TEMP, must be
defined in Bank 0. The Example 14-1:
• Stores the W register
• Stores the STATUS register in Bank 0
• Executes the ISR code
• Restores the STATUS (and bank select bit
register)
• Restores the W register
EXAMPLE 14-1: SAVING THE STATUS AND
W REGISTERS IN RAM
MOVWF
W_TEMP
;copy W to temp register,
;could be in either bank
SWAPF
STATUS,W
;swap status to be saved into W
BCF
STATUS,RP0
;change to bank 0 regardless
;of current bank
MOVWF
STATUS_TEMP
;save status to bank 0
;register
:
:
(ISR)
:
SWAPF
STATUS_TEMP,W
;swap STATUS_TEMP register
;into W, sets bank to original
;state
MOVWF
STATUS
;move W into STATUS register
SWAPF
W_TEMP,F
;swap W_TEMP
SWAPF
W_TEMP,W
;swap W_TEMP into W
14.8
Watchdog Timer (WDT)
The watchdog timer is a free running on-chip RC oscil-
lator which does not require any external components.
This RC oscillator is separate from the ER oscillator of
the CLKIN pin. That means that the WDT will run, even
if the clock on the OSC1 and OSC2 pins of the device
has been stopped, for example, by execution of a
SLEEP
instruction. During normal operation, a WDT
time-out generates a device RESET. If the device is in
SLEEP mode, a WDT time-out causes the device to
wake-up and continue with normal operation. The WDT
can be permanently disabled by programming the con-
figuration bit WDTE as clear (Section 14.1).
14.8.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms, (with
no prescaler). The time-out periods vary with tempera-
ture, VDD and process variations from part to part (see
DC specs). If longer time-out periods are desired, a
prescaler with a division ratio of up to 1:128 can be
assigned to the WDT under software control by writing
to the OPTION register. Thus, time-out periods up to
2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the postscaler, if assigned to the WDT, and prevent
it from timing out and generating a device RESET.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer time-out.
14.8.2
WDT PROGRAMMING CONSIDERATIONS
It should also be taken in account that under worst case
conditions (VDD = Min., Temperature = Max., max.
WDT prescaler) it may take several seconds before a
WDT time-out occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com