Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 14/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
24
BIAS
IO
External 200Kohm 1% resistor
25
VREF
O
Internal reference voltage
26
VINT
PO
Internal logic power, 2.5V
27
GPIO6
IO
GPIO6
28
LDO1
O
LDO1 output,for Host RTC block
29
GPIO7
IO
GPIO7
30
BACKUP
IO
Backup battery pin
31
VBUS
PI
USB VBUS input
32,33 ACIN
PI
Adapter input
34,35 BAT
IO
Main Battery
36
CHGLED
O
charger status indication
37
TS
I
Battery Temperature sensor input or an external ADC input
38,39 IPSOUT
PO
System power source
40
EXTEN
O
External power module Enable
41
GPIO3
I
GPIO3
42
GPIO4
I
REG95H[7]
GPIO4
43
NC
O
NC
44
VIN1
PI
DCDC1 input source
45
LX1
IO
Inductor Pin for DCDC1
46
PGND1
G
NMOS Ground for DCDC1
47
DCDC1
I
DCDC1 feedback pin
48
IRQ
IO
IRQ output or wakeup
49
EP
G
Exposed Pad, need to connect to system ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com