Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 28/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
27
DC-DC3 电压设置寄存器
R/W
48H
28
LDO2/3 电压设置寄存器
R/W
CFH
30
VBUS-IPSOUT 通路设置寄存器
R/W
60H
31
VOFF 关机电压设置寄存器
R/W
X3H
32
关机、电池检测、
CHGLED 控制寄存器
R/W
46H
33
充电控制寄存器
1
R/W
C8H
34
充电控制寄存器
2
R/W
41H
35
备用电池充电控制寄存器
R/W
22H
36
PEK 参数设置寄存器
R/W
5DH
37
DCDC 转换器工作频率设置寄存器
R/W
08H
38
电池充电低温报警设置寄存器
R/W
A5H
39
电池充电高温报警设置寄存器
R/W
1FH
3A
APS 低电 Level1 设置寄存器
R/W
68H
3B
APS 低电 Level2 设置寄存器
R/W
5FH
3C
电池放电低温报警设置寄存器
R/W
FCH
3D
电池放电高温报警设置寄存器
R/W
16H
80
DCDC 工作模式设置寄存器
R/W
E0H
82
ADC 使能设置寄存器 1
R/W
83H
83
ADC 使能设置寄存器 2
R/W
80H
84
ADC 采样率设置,TS pin 控制寄存器
R/W
32H
85
GPIO [3:0]输入范围设置寄存器
R/W
X0H
8A
定时器控制寄存器
R/W
00H
8B
VBUS 监测设置寄存器
R/W
00H
8F
过温关机控制寄存器
R/W
01H
第
2 组,GPIO 控制类
地址
寄存器描述
R/W
默认值
90
GPIO0 控制寄存器
R/W
07H
91
GPIO0 LDO 模式输出电压设置寄存器
R/W
A0H
92
GPIO1 控制寄存器
R/W
07H
93
GPIO2 控制寄存器
R/W
07H
94
GPIO[2:0]信号状态寄存器
R/W
00H
95
GPIO[4:3]功能控制寄存器
R/W
00H
96
GPIO[4:3]信号状态寄存器
R/W
00H
97
GPIO[2:0]下拉控制寄存器
R/W
00H
98
PWM1 频率设置寄存器
R/W
00H
99
PWM1 占空比设置寄存器 1
R/W
16H
9A
PWM1 占空比设置寄存器 2
R/W
0BH
9B
PWM2 频率设置寄存器
R/W
00H
9C
PWM2 占空比设置寄存器 1
R/W
16H
9D
PWM2 占空比设置寄存器 2
R/W
0BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com