Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 36/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
0
恒流模式下超时设置
Bit0
10: 9Hours; 11: 10Hours
RW
1
REG 35H:备用电池充电控制
默认值
:22H
Bit
描述
R/W
默认值
7
备用电池充电使能控制
0:关闭;1:打开
RW
0
6:5
备用电池充电目标电压设置
00:3.1V;01:3.0V;10:3.0V;11:2.5V
RW
01
4-2
保留
1:0
备用电池充电电流设置
00: 50uA; 01: 100uA;
10: 200uA; 11: 400uA
RW
10
REG 36H:PEK 按键参数设置
默认值
:5DH
Bit
描述
R/W
默认值
7
开机时间设置
Bit1
RW
0
6
开机时间设置
Bit0
00: 128mS; 01: 512mS;
10: 1S; 11: 2S.
RW
1
5
长按键时间设置
Bit1
RW
0
4
长按键时间设置
Bit0
00: 1S; 01: 1.5S;
10: 2S; 11: 2.5S.
RW
1
3
按键时长大于关机时长时自动关机功能设置
0:关闭; 1:打开
RW
1
2
电源启动完成后
PWROK 信号延时
0:32mS; 1:64mS
RW
1
1
关机时长设置
Bit1
RW
0
0
关机时长设置
Bit0
00: 4S; 01: 6S;
10: 8S; 11: 10S.
RW
1
REG 37H:DC-DC 工作频率设置
默认值
:08H
Bit
描述
R/W
默认值
7-4
保留
3
DC-DC 开关频率设置 Bit 3
RW
1
2
DC-DC 开关频率设置 Bit 2
每一级改变
5%,默认值 1.5MHz
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com