Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 25/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
Bat charge current
0mA
0.5mA
4.095A
ACIN volatge
0mV
1.7mV
6.9615V
ACIN current
0mA
0.625mA
2.5594A
VBUS voltage
0mV
1.7mV
6.9615V
VBUS current
0mA
0.375mA
1.5356A
Internal temperature
-144.7℃
0.1℃
264.8℃
APS voltage
0mV
1.4mV
5.733V
TS pin input
0mV
0.8mV
3.276V
GPIO0
0/0.7V
0.5mV
2.0475/2.7475V
GPIO1
0/0.7V
0.5mV
2.0475/2.7475V
GPIO2
0/0.7V
0.5mV
2.0475/2.7475V
GPIO[3]
0/0.7V
0.5mV
2.0475/2.7475V
9.7 多功能管脚说明(Multi-Function Pin Description)
GPIO[7:0]
可作为
GPIO[7:0]、ADC Input(监测外部信号)、LDO、PWM 等,具体参见 REG90H-9FH 说明。
N_RSTO
LDO1 状态监测信号(上拉到 LDO1)或是 GPIO5,使用方式参见 REG9EH 说明。
CHGLED
充电状态指示、过温过压等报警功能以及
GPO 功能,使用方式参见 REG32H 说明。
9.8 定时器(Timer)
AXP199 包含一个内部定时器,通过设置寄存器 REG8AH[6:0]可改变计时器值,其最低分辨率为分
钟
(Minute),计时器超时后将置位 REG8AH[7]。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com