Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 44/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
REG 9AH:PWM1 占空比设置 2
默认值
:0BH
Bit
描述
R/W
默认值
7-6
PWM1 占空比设置 Y2
RW
0BH
REG 9BH:PWM2 输出频率设置
默认值
:00H
Bit
描述
R/W
默认值
7-0
PWM2 输出频率设置 X
RW
00H
REG 9CH:PWM2 占空比设置 1
默认值
:16H
Bit
描述
R/W
默认值
7-0
PWM2 占空比设置 Y1
RW
16H
REG 9DH:PWM2 占空比设置 2
默认值
:0BH
Bit
描述
R/W
默认值
7-6
PWM2 占空比设置 Y2
RW
0BH
注
:PWM输出频率 = 2.25MHz / (X+1) / Y1
PWM输出占空比 = Y2 / Y1
REG 9EH: N_RSTO 管脚功能设置
默认值
:20H
Bit
描述
R/W
默认值
7
N_RSTO 管脚功能设置
0: N_RSTO, LDO1 状态监测; 1:通用输入输出端口 5
RW
0
6
N_RSTO 作为通用输入输出端口 5 设置
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com