Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 23/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
REG35H[6:5]设置)、默认充电电流为 200uA(亦可通过 REG35H[1:0]设置)。
9.5 多路电源输出(Multi-Power Outputs)
AXP199 的提供的多路输出电压及功能列表如下:
输出通路
类型
默认电压
应用举例
驱动能力
DCDC1
BUCK
可设置
3.3V I/O
1200 mA
DCDC2
BUCK
可设置
1.25Vcore
1600 mA
DCDC3
BUCK
可设置
2.5Vddr
700 mA
LDO1
LDO
可设置
RTC
30 mA
LDO2
LDO
可设置
Analog/FM
200 mA
LDO3
LDO
可设置
1.8V HDMI
200 mA
LDOIO0
LDO
可设置
Vmic
50 mA
AXP199 包含 3 路同步降压型 DC-DC、4 路 LDO、多种启动时序及控制方式。DC-DC 的工作频率默
认为
1.5MHz,可以通过设置寄存器来调整,外围可使用小型电感和电容元件。3 个 DC-DC 都可以设置
成
PWM 模式或自动模式(由 AXP199 根据负载的大小自动切换),参见“寄存器 REG80H”。
DC-DC1/2/3
DCDC1/3 输出电压范围为 0.7-3.5V,DCDC2 输出电压为 0.7-2.275V,可由寄存器设置(参见“寄存器
REG23H 26H 27H 29H”)。
DCDC1/2/3 输出电容推荐使用 10uF X7R 以上小 ESR 陶瓷电容;当输出电压设置为 2.5V 以上时,推
荐使用
2.2uH 电感,在 2.5V 以下时,推荐使用 4.7uH 电感,其中电感饱和电流需大于此电源通路最大需
求电流的
50%以上。
如下是推荐电感电容列表
:
电感
型号
电流规格
直流内阻
Murata LQH55PN2R2NR0
2100mA@2.2uH
30mOhm
Murata LQH55PN4R7NR0
1400mA@4.7uH
60mOhm
Murata LQH44PN2R2MP0
2000mA@2.2uH
49mOhm
Murata LQH44PN4R7MP0
1700mA@2.2uH
80mOhm
TDK VLF5010ST-2R2M2R3
2700mA@2.2uH
41mOhm
TDK VLF5014ST-4R7M1R7
1700mA@4.7uH
98mOhm
TDK SLF6045T-4R7N2R4-3PF
2400mA@4.7uH
27mOhm
电容
型号
温度特性
容差
TDK C2012X5R0J475K
X5R/X7R
10%@4.7uF
TDK C2012X5R0J106K
X5R/X7R
10%@10uF
Murata GRM31E71A475K
X7R
10%@4.7uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com