Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 41/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
7-3
保留
RW
0
2
GPIO0 管脚功能设置 Bit 2
RW
1
1
GPIO0 管脚功能设置 Bit 1
RW
1
0
GPIO0 管脚功能设置 Bit 0
000:NMOS 漏极开路输出
001:通用输入功能
010:低噪声 LDO
100:ADC 输入
101:输出低
11X:浮空
RW
1
REG 91H:GPIO0 为 LDO 模式时输出电压设置
默认值
:A0H
Bit
描述
R/W
默认值
7-4
GPIO0 LDO 模式下输出电压设置
0000: 1.8V; 0001: 1.9V; 0010: 2.0V; 0011: 2.1V;
0100: 2.2V; 0101: 2.3V; 0110: 2.4V; 0111: 2.5V;
1000: 2.6V; 1001: 2.7V; 1010: 2.8V; 1011: 2.9V;
1100: 3.0V; 1101: 3.1V; 1110: 3.2V; 1111: 3.3V
RW
1010
3-0
保留
REG 92H:GPIO1 功能设置
默认值
:07H
Bit
描述
R/W
默认值
7-3
保留
RW
0
2
GPIO1 管脚功能设置 Bit 2
RW
1
1
GPIO1 管脚功能设置 Bit 1
RW
1
0
GPIO1 管脚功能设置 Bit 0
000:NMOS 漏极开路输出
001:通用输入功能
010:PWM1 输出,高电平为 VINT
100:ADC 输入
101:输出低
11X:浮空
RW
1
REG 93H:GPIO2 功能设置
默认值
:07H
Bit
描述
R/W
默认值



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com