Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 30/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
7A
电池充电电流高
8 位
R
7B
电池充电电流低
5 位
R
7C
电池放电电流高
8 位
R
7D
电池放电电流低
5 位
R
7E
APS 电压高 8 位
R
7F
APS 电压低 4 位
R
地址
寄存器描述
R/W
默认值
B0
电池充电库仑计数据寄存器
3
R/W
00H
B1
电池充电库仑计数据寄存器
2
R/W
00H
B2
电池充电库仑计数据寄存器
1
R/W
00H
B3
电池充电库仑计数据寄存器
0
R/W
00H
B4
电池放电库仑计数据寄存器
3
R/W
00H
B5
电池放电库仑计数据寄存器
2
R/W
00H
B6
电池放电库仑计数据寄存器
1
R/W
00H
B7
电池放电库仑计数据寄存器
0
R/W
00H
B8
库仑计控制寄存器
R/W
00H
REG 00H:输入电源状态
Bit
描述
R/W
7
ACIN 存在指示
0:ACIN 不存在;1:ACIN 存在
R
6
指示
ACIN 是否可用
R
5
VBUS 存在指示
0:VBUS 不存在;1:VBUS 存在
R
4
指示
VBUS 是否可用
R
3
指示
VBUS 接入在使用之前是否大于 VHOLD
R
2
指示电池电流方向
0:电池在放电;1:电池被充电
R
1
指示
ACIN 和 VBUS 输入是否在 PCB 被短接
R
0
指示启动源是否为
ACIN 或 VBUS
0:启动源非 ACIN/VBUS; 1:启动源为 ACIN/VBUS
R
REG 01H:电源工作模式以及充电状态指示
Bit
描述
R/W
7
指示
AXP199 是否过温
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com