Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXP199 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AXP199
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP199 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AXP199 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP199 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 35/50
Enhanced single Cell Li-Battery and Power System Management IC
AXP199
5-4
CHGLED 管脚功能设置
00: 高阻
01: 25% 1Hz 闪烁
10: 25% 4Hz 闪烁
11: 输出低电平
RW
00
3
CHGLED 管脚控制设置
0: 由充电功能控制
1: 由寄存器 REG 32HBit[5:4]控制
RW
0
2
保留
1-0
N_OE 由低变高后 AXP199 关机延
迟时间
00: 0.5S; 01: 1S;
10: 2S; 11: 3S
RW
10
REG 33H:充电控制 1
默认值
:C8H
Bit
描述
R/W
默认值
7
充电功能使能控制位,包含内部通道和外部通道
0:关闭, 1:打开
RW
1
6:5
充电目标电压设置
00:4.1V; 01:4.15V; 10:4.2V; 11:4.36V
RW
10
4
充电结束电流设置
0:充电电流小于 10%设置值时结束充电
1:充电电流小于 15%设置值时结束充电
RW
0
3-0
内部通路充电电流设置
0000:100mA; 0001:190mA; 0010:280mA; 0011:360mA;
0100:450mA; 0101:550mA; 0110:630mA; 0111:700mA;
1000:780mA; 1001:880mA; 1010:960mA; 1011:1000mA;
1100:1080mA;1101:1160mA; 1110:1240mA; 1111:1320mA
RW
1000
REG 34H:充电控制 2
默认值
:41H
Bit
描述
R/W
默认值
7
预充电超时设置
Bit1
RW
0
6
预充电超时设置
Bit0
00: 30 min; 01: 40min;
10: 50min; 11: 60min
RW
1
5-3
外部通路充电电流设置
范围
300-1000mA, 100mA/step, 默认值 300mA
RW
000
2
充电时外部通路使能设置
0:关闭; 1:打开
RW
0
1
恒流模式下超时设置
Bit1
00: 7Hours; 01: 8Hours;
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com