Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 4Page - Mitel Networks Corporation ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation ACE9040 Datasheet HTML 10Page - Mitel Networks Corporation ACE9040 Datasheet HTML 11Page - Mitel Networks Corporation ACE9040 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
ACE9040
Characteristic
Value
Unit
Conditions
Min.
Typ.
Max.
Rx Earpiece Gain Adjustment EARSENSE
Nominal gain
0
dB
Total gain
- 2.8
3.2
dB
EARS[3:0] = 0 to 15
Gain adjustment step size
0.2
0.4
0.6
dB
RVX = 0 dB, RHF = 0 dB, SD = 0
Distortion
1
% THD
Output 1 Vrms
Rx Sidetone Path, IPS to EAMPI
Attenuation at EARSENSE amp input
18
19
20
dB
EARSENSE = 0 dB
Sidetone mute
– 40
dB
SD = 0
Rx Earpiece Drivers EPOP & EPON
EPON single ended gain
5.5
6
6.5
dB
Output = 2 Vpp,
120
Ω EPON to EPOP
EPOP single ended d.c. level
1.7
V
DD/2
1.9
V
V
DD = 3.6 V, EPH1 = 1, EPH0 = 0
EPOP single ended a.c. level
– 20
dB
EPON single ended distortion
1
% THD
Output = 2 Vpp
EPON & EPOP differential gain
11.5
12
12.5
dB
150
Ω (± 20 %) EPON to EPOP
EPOP differential distortion
1
%THD
Output = 4 Vpp, EPH1 = 1, EPH0 = 1
Earpiece mute switch attenuation
40
dB
EPH0 = 0 & EHP1 = 0
EPON external mode:
64
Ω (± 20 %) + 3.3 µF to GND,
EPON gain relative to EAMPI
5.5
6.5
dB
EAMPFB open, Input = HFGIN
EPON distortion
1
% THD
Output = 1.1 Vpp
EPOP output current external mode
– 10
10
µA
At V
DD & 0 V
EPON & EPOP mute
– 40
dB
EPH1 = 0, EPH0 = 0
EPOP Noise
– 80
dBV
EPH1 = 1, EPH0 = 1
Transmit Data Path
TX Data Filter 16 kHz & 20 kHz
Input bias at DATI
V
DD/2
V
Internally tied via 800 k
Ω resistor to
V
DD/2.
Nominal gain
- 6.5
- 6
- 5.5
dB
Input = 1 Vrms
Distortion
1.5
%THD
Output = 1.5 Vp-p
Noise
-60
dBV
BW = 30 Hz to 30 kHz
DATM mute switch attenuation
40
dB
Data Filter frequency response
16 kHz (TACS)
– 0.3
0.3
dB
f = 676 Hz, 1040 Hz
– 0.3
0.3
dB
f = 4120 Hz
– 0.1
– 0.7
dB
f = 12120 Hz
– 0.9
– 1.6
dB
f = 13960 Hz
– 2.5
– 1.5
dB
f = 14950 Hz
DATM = 1
– 5.0
– 2.0
dB
f = 16050 Hz
DATADEV = 0 dB
– 5.0
– 3.0
dB
f = 16420 Hz
Relative to 1040 Hz
– 6.0
– 4.0
dB
f = 17040 Hz
DATAF[1:0] = 10
– 7.0
– 5.0
dB
f = 18020 Hz
– 11.0
– 9.0
dB
f = 19990 Hz
– 12.0
– 10.0
dB
f = 20970 Hz
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated (Note 1):
T
AMB = – 40 °C to + 85 °C, V
DD = 3.6 V to 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com