Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  ACE9040 Datasheet HTML 1Page - Mitel Networks Corporation ACE9040 Datasheet HTML 2Page - Mitel Networks Corporation ACE9040 Datasheet HTML 3Page - Mitel Networks Corporation ACE9040 Datasheet HTML 4Page - Mitel Networks Corporation ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Fig.1 Pin connections - top view
Fig. 2 ACE9040 Simplified Block Diagram
Note: Pin 1 is identified by moulded spot and
by coding orientation. (* 7 x 7 mm package and
10 x10 mm package pinouts on page 3)
FP64
ACE9040 provides all the speech signal processing and
data/SAT tone filtering needed for AMPS or TACS analog
cellular telephones.
Transmit voice channel functions comprise a microphone
amplifier, soft limiter, bandpass filter, compressor,
hard
limiter, lowpass filter and a gain controlled amplifier to set
deviation level. Additional transmit circuits include a DTMF
generator, data and SAT filters, deviation setting amplifiers for
data/ST and SAT and a modulation combiner.
ACE9040’s receive path comprises a bandpass filter,
expander, volume control and power amplifiers to directly
drive an earpiece or handsfree transducer.
Gain settings, mute switches and filter characteristics are
programmed via a three wire serial interface.
To implement a handsfree function, both transmit and
receive paths have rectifiers for signal amplitude monitoring
via an external pin and signal path attenuators controlled via
the serial interface.
ACE9040 combines minimum power consumption with
low external component count. Standby modes greatly reduce
supply current and extend battery charge intervals.
FP64
FEATURES
s Low Power and Low Voltage (3·6 to 5·0 V) Operation
s
Power Down Modes
s
Direct Connections to Microphone and Earpiece
s
Compander with wide operating range:
Compressor 74 db typ., Expander 36 dB typ.
s
SAT Bandpass and Data Lowpass Filters
s
Handsfree Operation Supported
s
DTMF Generator
s
Serial Bus Controlled Gains and Filter Responses
s
Part of the ACE Integrated Cellular Phone Chipset
s
TQFP 64 Pin 10X10 mm or 7X7 mm Packages
APPLICATIONS
s AMPS and TACS Cellular Telephones
s Two-Way Radio Systems
RELATED PRODUCTS
ACE9040 is part of the following chipset:
s ACE9020 Receiver and Transmitter Interface
s ACE9030 Radio Interface and Twin Synthesiser
s ACE9050 System Controller and Data Modem
ORDERING INFORMATION
Industrial temperature range
TQFP 64 lead 10 x 10 mm, 0·5 mm pitch
ACE9040K/IW/FP1N - devices shipped in trays and dry packed
ACE9040K/IW/FP1Q - tape mounted and dry packed
TQFP 64 lead 7 x 7 mm, 0·4 mm pitch
ACE9040K/IW/FP2N - devices shipped in trays and dry packed
ACE9040K/IW/FP2Q - tape mounted and dry packed
nc
nc\DVSS*
AMPI
nc\LEN*
PREIN
DVSS\DVDD*
TBPO
LEN\VMIDRX*
CIN
DVDD\LO*
CRCIN
VMIDRX\STBY*
VMIDTX
LO\EVDD*
CRCOUT
STBY\EPON*
nc
EVDD\nc*
COUT
EPON\nc*
TXC
EVSS
RXC
EPOP
IPS
EAMPFB
SLO
EAMPO
MI
EIN
MICBIAS
ERCOUT
ACE9040
1
AMP
MI
MODULATION
SUMMING
AMPLIFIER
DTMF
DATI
TSI
RSI
COMPRESSOR
DATA FILTER
(LOW PASS)
GENERATE/
TRANSPOND
FILTERS AND
DEVIATION SET
DTMF
GEN.
TX SAT
FILTER
RX SAT
FILTER
RX
FILTER
SET
LEVELS
CONTROL
LOGIC
EXPANDER
RXI
SCLK
LEN
SD
STBY
SET DEVIATION
VOLUME
LINE OUTPUT
LO
EPON
EPOP
RSO
TSO
DATO
MOD
SUMO
SUMI
TLPO
FEED-
BACK
ABSOLUTE MAXIMUM RATINGS
Supply voltage
6 V
Storage temperature
- 55
°Cto+150 °C
Operating temperature
- 40
°Cto+85 °C
Voltage at any pin
- 0.3 V to V
DD + 0.3 V
ACE9040
Audio Processor
Advance Information
Supersedes January 1997 edition, DS4289 - 2.5
DS4289 - 3.1 December 1997


Similar Part No. - ACE9040

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9040 MITEL-ACE9040 Datasheet
379Kb / 39P
Radio Interface and Twin Synthesiser
More results

Similar Description - ACE9040

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
logo
Freescale Semiconductor...
MC68181 FREESCALE-MC68181 Datasheet
643Kb / 119P
Advance Information ROAMING FLEX chip SIGNAL PROCESSOR
MPC5121E FREESCALE-MPC5121E Datasheet
1Mb / 86P
Advance Information
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com