Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 14Page - Mitel Networks Corporation ACE9040 Datasheet HTML 15Page - Mitel Networks Corporation ACE9040 Datasheet HTML 16Page - Mitel Networks Corporation ACE9040 Datasheet HTML 17Page - Mitel Networks Corporation ACE9040 Datasheet HTML 18Page - Mitel Networks Corporation ACE9040 Datasheet HTML 19Page - Mitel Networks Corporation ACE9040 Datasheet HTML 20Page - Mitel Networks Corporation ACE9040 Datasheet HTML 21Page - Mitel Networks Corporation ACE9040 Datasheet HTML 22Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
ACE9040
TXSEN[3]
TXSEN[2]
TXSEN[1]
TXSEN[0]
DATD[3]
DATD[2]
DATD[1]
DATD[0]
Gain
AUDEV[3]
AUDEV[2]
AUDEV[1]
AUDEV[0]
(dB)
EARS[3]
EARS[2]
EARS[1]
EARS[0]
0
0
0
0
– 2·8
0
0
0
1
– 2·4
::
:::
::
:::
1
1
1
0
+ 2·8
1
1
1
1
+ 3·2
Data bit
Bit Name
Function
Effect when
Effect when
at 0
at 1
DATA3:
[0]
DATA3[0]
Bus Mode Select
Must be “0”
Must be “0”
[1]
DATA3[1]
Bus Mode Select
Must be “1”
Must be “1”
[3:2]
TEST[1:0]
Test Mode Select
see table 14
see table 14
[4]
SATS
SAT source Select
RXSAT
TXSAT
[6:5]
DATAF[1:0]
Data Filter Bandwidth Select
see table 15
see table 15
[7]
TACS
Cellular System Select
‡
TACS‡
DATA2:
[3:0]
TXSEN[3:0]
Combined Modulation Gain
see table 16
see table 16
[7:4]
DATD[3:0]
Data Modulation Gain
see table 16
see table 16
DATA1:
[3:0]
AUDEV[3:0]
Audio Modulation Gain
see table 16
see table 16
[7:4]
EARS[3:0]
Earpiece “EARSENSE” Gain
see table 16
see table 16
CONTROL BUS: INITIALIZING MODE 1
TEST[1]
TEST[0]
Test Mode
0
0
Operate mode (not in test mode)
1
0
Test DTMF
0
1
Bypass TXLPF
1
1
Bypass TXLPF & Softlimiter test
Table 14 Test Modes selected by TEST[1:0].
Table 15 Data Filter Bandwidths selected by DATAF[1:0].
Table 16 TXSENSE, DATADEV, AUDIODEV, and EARSENSE Nominal
Gains set, respectively, by TXSEN[3:0], DATD[3:0], AUDEV[3:0], and
EARS[3:0].
DATAF[1]
DATAF[0]
Cut-off Frequency
1
0
16 kHz
1
1
20 kHz
‡See table 19.
Table 13 “Initializing Mode 1”, DATA3[1:0] = 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com