Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 29 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 29 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 25Page - Mitel Networks Corporation ACE9040 Datasheet HTML 26Page - Mitel Networks Corporation ACE9040 Datasheet HTML 27Page - Mitel Networks Corporation ACE9040 Datasheet HTML 28Page - Mitel Networks Corporation ACE9040 Datasheet HTML 29Page - Mitel Networks Corporation ACE9040 Datasheet HTML 30Page - Mitel Networks Corporation ACE9040 Datasheet HTML 31Page - Mitel Networks Corporation ACE9040 Datasheet HTML 32Page - Mitel Networks Corporation ACE9040 Datasheet HTML 33Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29
ACE9040
Gain and filter set-ups for user control bits: Receive
TACS
AMPS
User control bit(s)
External De-emphasis
- 21 dB1
- 21 dB1
Fixed
externally
RXSENSE: Receive audio gain
+ 8 dB
+ 8 dB
Fixed
RXSENSE: Receive audio gain adjustment
- 6 to + 6.4 dB
- 6 to + 6.4 dB
RXSEN[4:0]
range
RXBPF: RX bandpass filter
0 dB
0 dB
Fixed
RX Expander gain EXPGAIN: Internal
+ 12.3 dB
+ 12.3 dB
Fixed
RX Expander gain EXPGAIN: External
0 dB
0 dB
Fixed
Expander: Expansion about unaffected
1:22
1:22
Fixed
level (1000 mV, 0 dBV)
RXLEVEL, Receive volume control
- 12 dB
- 12 dB
RXV[2:0]
(+ 12 to - 9 dB)
(+ 12 to - 9 dB)
HFATTEN, RX handsfree attenuator
0 to - 49 dB
0 to - 49 dB
RHF[2:0]
EARSENSE
0 dB
0 dB
EARS[3:0]
(- 2.8 to + 3.2 dB)
(- 2.8 to + 3.2 dB)
Ear piece driver
6 dB
6 dB
Fixed
Nominal Receive Gain
- 6.7 dB
- 6.7 dB
Fixed
(Expander bypassed)
DATA and SAT Filters
TX data path filter cut-off
16 kHz
20 kHz
DATAF[1:0]
TX & RX bandpass SAT filter centre
6 kHz
6 kHz
Fixed
frequency
Notes:
1. Attenuation with an external de-emphasis network of series 180 k
Ω with 10 nF to GND at RXI input.
2. Above the unaffected (0 dB gain) level the expander provides gain and below this level it attenuates
.
Table 24 Receive, Data and SAT gain and filter set-ups for user control bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com