Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  ACE9040 Datasheet HTML 1Page - Mitel Networks Corporation ACE9040 Datasheet HTML 2Page - Mitel Networks Corporation ACE9040 Datasheet HTML 3Page - Mitel Networks Corporation ACE9040 Datasheet HTML 4Page - Mitel Networks Corporation ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
ACE9040
Characteristic
Symbol
Value
Unit
Conditions
Min.
Typ.
Max.
Supply Current and Power Down Modes
Operating supply current
I
DD
15
mA
V
DD = 4.85 V RREF = 100 kΩ
15
mA
V
DD = 3.75 V RREF = 68 kΩ
Standby
Attenuation of all inputs signals
40
dB
Wakeup response time
10
ms
Sleep (Standby with CLK stopped)
Supply current*
I
DD(SLEEP)
200
µA
STBY bit set V
DD = 3.75
Delay between setting STBY bit and
20
µs
stopping clock
Delay to starting clock after wakeup
100
µs
Characteristic
Value
Unit
Conditions
Min.
Typ.
Max.
Transmission Path
Microphone Amp, MI to SLO pins
Input bias
V
DD/2
Internal 150 k
Ω bias resistor to V
DD/2
Microphone input gain (LO)
21
22
23
dB
MIS = 1, MLI = 0, MIG = 0
Microphone input gain (HI)
31
32
33
dB
MIS = 1, MLI = 0, MIG = 1
Microphone crosstalk (no MI signal)
– 40
dB
MIS = 1, MLI = 0, MIG = 1
Line input, LI to SLO pins
Input bias
V
DD/2
Internal 100 k
Ω bias resistor
LI input Gain (0dB)
– 0.5
0.5
dB
MIS = 0, MLI = 0, MIG = 0
LI input Gain (LO)
21
22
23
dB
MIS = 1, MLI = 1, MIG = 0
LI input gain (HI)
31
32
33
dB
MIS = 1, MLI = 1, MIG = 1
LI input crosstalk (no LI signal)
– 40
dB
MIS = 1, MLI = 1, MIG = 1
Soft Deviation Limiter, LI to SLO pins
Nominal gain
0
dB
Limiter not functioning.
Attenuation range
– 30
– 29
dB
Attenuation steps
0.27
0.5
0.67
dB
Distortion
2
%THD
Output at 1 Vrms
Attack level:Hard limiter output
3
97
% V
DD
Attack level at TBPO pin
92
% V
DD
d.c. input at IPS
TEST[1:0] = 11
Attack time
40
µs
Per gain step when signal outside
threshold
Decay time
1.68
ms
Per gain step
INPSENSE Gain Stage, IPS to TBPO pins
Nominal gain
7.5
8
8.5
dB
Input = 100 mVrms,
INPS[4:0] = 15, THF = 0 dB,
Gain adjustment range
– 12
12.8
dB
Relative to nominal gain
Input = 100 mVrms,
Gain step size
0.6
0.8
1.2
dB
INPS[4:0] = 0 to 31, THF = 0 dB
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated (Note 1):
T
AMB = – 40 °C to + 85 °C, V
DD = 3.6 V to 5.0 V
Note 1. 100% production tested at 25
°C but guaranteed over specified temperature range.
* Standby current measured with the 1.008 MHz clock stopped and SCLK at a level <200 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com