Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  ACE9040 Datasheet HTML 1Page - Mitel Networks Corporation ACE9040 Datasheet HTML 2Page - Mitel Networks Corporation ACE9040 Datasheet HTML 3Page - Mitel Networks Corporation ACE9040 Datasheet HTML 4Page - Mitel Networks Corporation ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
ACE9040
Characteristic
Value
Unit
Conditions
Min.
Typ.
Max.
TX Audio Bandpass Filter TXBPF, IPS to TBPO
Noise
– 72
dBV
Distortion
1
%THD
1 Vrms output
Frequency response relative to 1040 Hz
– 60.5
– 38.5
dB
f = 60 Hz
– 25.5
– 10.5
dB
f = 184 Hz
INPSENSE = 0 dB
– 1.0
+ 0.5
dB
f = 430 Hz
THF = 0 dB
– 0.5
+ 0.5
dB
f = 676 Hz, 1040 Hz
– 0.5
+ 0.5
dB
f = 1410 Hz, 1900 Hz
– 1.5
– 0.5
dB
f = 3260 Hz
– 3.0
– 1.5
dB
f = 3500 Hz
– 10.5
– 5
dB
f
= 4120 Hz
– 20.5
– 15.5
dB
f = 5590 Hz
– 90.5
– 30.5
dB
f = 9900 Hz
TX Handsfree Gain Stage HFGAIN
Nominal gain
0
dB
Gain range
– 52.5
– 49
– 45.5
dB
THF[2:0] = 0 to 7
Gain step size
6.5
7
7.5
dB
0 to –21 dB
Gain step size
5
7
9
dB
–28 to –49 dB
TX Compressor Stage, CIN to COUT pins
Unity gain level
636
707
777
mVrms
= Vref (Unaffected level)
Input range
0.79
1000
mVrms
Linearity CIN to COUT:
± 0.5
dB
CIN = Vref + 3 dB to Vref - 59 dB
(Deviation from 2:1 I/O relationship)
BW = 300 Hz to 3.4 kHz
Attack time
3
ms
12 dB step: - 8 dB to - 20 dB relative
to the unity gain (Vref) level
Decay time
13.5
ms
Attack & Decay levels = 1.5 and 0.75
of steady state final value
Distortion
2
%THD
BW = 300 Hz - 3.4 kHz
Frequency response
± 0.2
dB
BW = 300 Hz - 3.4 kHz
TX Pre-emphasis, PREIN to TLPO pins
Input impedance
75
k
Ω
Internal compressor and BAR:
Nominal gain TACS
– 7.5
– 7
– 6.5
dB
COMP[2:1] = 10 or 01 at 1 kHz
Nominal gain AMPS
– 11.5
– 11
– 10.5
dB
External compressor and bypass:
Nominal gain AMPS & TACS
– 0.5
0
+ 0.5
dB
COMP[2:1] = 11 or 00 at 1 kHz
Frequency response
5.8
6
6.2
dB/
TEST[1:0] = 01
Octave
PREEMPH = 0 (active)
f = 300 to 3400 Hz
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated (Note 1):
T
AMB = – 40 °C to + 85 °C, V
DD = 3.6 V to 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com