Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 2Page - Mitel Networks Corporation ACE9040 Datasheet HTML 3Page - Mitel Networks Corporation ACE9040 Datasheet HTML 4Page - Mitel Networks Corporation ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation ACE9040 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
ACE9040
Characteristic
Value
Unit
Conditions
Min.
Typ.
Max.
Hard Deviation Limiter
Gain
13
13.5
14
dB
V485 pin = 0 V (for V
DD = 3.75 V)
15.5
16
16.5
dB
V485 pin = V
DD (for VDD = 4.85 V)
Low Pass Filter TXLPF, PREIN to TLPO pins
Distortion
1.5
%THD
1.5 Vp-p Output level
Noise
– 60
dBV
BW = 30 Hz to 30 kHz
Frequency response TACS/AMPS
0.3
0.7
dB
f = 307 Hz
Relative to 1 kHz
– 0.5
+ 0.5
dB
f = 676 Hz, 1040 Hz
– 0.5
+ 0.5
dB
f = 1410 Hz, 1900 Hz
– 3.0
– 1.5
dB
f = 3010 Hz
– 38.0
– 13.0
dB
f = 3500 Hz
– 60.0
– 38.0
dB
f = 4120 Hz
– 60.0
– 38.0
dB
f = 5590 Hz
– 60.0
– 38.0
dB
f = 9900 Hz
– 60.0
– 35.0
dB
f = 11870 Hz
– 60.0
– 35.0
dB
f = 14950 Hz
Gain
– 8.5
– 8
– 7.5
dB
Attenuation with TXLPF bypassed
8
dB
TEST[0] = 1
Gain Stage AUDIODEV, PREIN to TLPO
Nominal gain
0
dB
Output at TLPO
Gain adjustment
- 2.8
3.2
dB
Attenuation step size
0.2
0.4
0.6
dB
Control bits: AUDEV[3:0]
TXM switch attenuation
– 60
dB
AUDIODEV = 0 dB
Combined TX path
Gain with 3.5
µV at Microphone input
33.5
37.5
dB
INSENSE = 0 dB, V485 = 0 V
Distortion
1.0
% THD
THF & AUDIODEV = 0 dB
Noise
– 55.0
dBV
MI gain = 22 dB, V
DD = 3.6 V
Output d.c. level
1.65
1.9
V
Compressor Bypassed
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated (Note 1):
T
AMB = – 40 °C to + 85 °C, V
DD = 3.6 V to 5.0 V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com