Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation ACE9040 Datasheet HTML 10Page - Mitel Networks Corporation ACE9040 Datasheet HTML 11Page - Mitel Networks Corporation ACE9040 Datasheet HTML 12Page - Mitel Networks Corporation ACE9040 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
ACE9040
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated (Note 1):
T
AMB = – 40 °C to + 85 °C, V
DD = 3.6 V to 5.0 V
Characteristic
Value
Unit
Conditions
Min.
Typ.
Max.
TX Data Filter 16 kHz & 20 kHz (continued)
Data Filter frequency response
20 kHz (AMPS)
– 0.3
0.3
dB
f = 676 Hz, 1040 Hz
– 0.3
0.3
dB
f = 4120 Hz, 16050 Hz
– 0.3
– 1.5
dB
f = 16050 Hz
– 2.5
– 1.0
dB
f = 18020 Hz
– 3.0
– 1.5
dB
f = 18880 Hz DATAF[1:0] = 11
– 4.0
– 2.0
dB
f = 20240 Hz DATM = 1
– 5.0
– 3.0
dB
f = 20540 Hz DATADEV = 0dB
– 5.5
– 3.5
dB
f = 20970 Hz Relative to 1040 Hz
– 7.0
– 5.0
dB
f = 21960 Hz
– 8.0
– 6.0
dB
f = 22820 Hz
– 10.0
– 8.0
dB
f = 24050 Hz
TX Data Gain Stage DATADEV, DATI to DATO pins
Nominal gain
0
dB
Gain adjustment
- 2.8
3.2
dB
DATD[3:0] = 7
Gain adjustment steps
0.2
0.4
0.6
dB
DATM = 1 DATAF[1:0] = 00
TXSAT and RXSAT Bandpass Filters 6 kHz
RXSAT Filter
RXSAT gain
9
11
dB
Input = 400 mVrms at 6030 Hz,
SATDEV = 0 dB, SATM = 1,
SATS = 0dB
RXSAT 6 kHz frequency response
– 90.0
– 35.0
dB
f = 2520 Hz
Relative to 6030 Hz
– 90.0
– 35.0
dB
f = 3500 Hz
SATS = 0 dB,
– 90.0
– 35.0
dB
f = 4120 Hz
TACS = 1,
– 29.0
– 24.0
dB
f = 4980 Hz
SATD = 15 (0 dB),
– 0.30
0.50
dB
f = 5900 Hz
SATM = 1
– 0.10
0.35
dB
f = 5960 Hz
– 0.10
0.35
dB
f = 6030 Hz
– 0.30
0.50
dB
f = 6090 Hz
– 26.5
– 22.0
dB
f = 7010 Hz
– 90.0
– 29.0
dB
f = 8060 Hz
– 90.0
– 35.0
dB
f = 9040 Hz
– 90.0
– 35.0
dB
f = 9290 Hz
RSO Schmitt output
5.5
6.0
6.5
kHz
SATS = 0 dB, TACS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com