Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  ACE9040 Datasheet HTML 1Page - Mitel Networks Corporation ACE9040 Datasheet HTML 2Page - Mitel Networks Corporation ACE9040 Datasheet HTML 3Page - Mitel Networks Corporation ACE9040 Datasheet HTML 4Page - Mitel Networks Corporation ACE9040 Datasheet HTML 5Page - Mitel Networks Corporation ACE9040 Datasheet HTML 6Page - Mitel Networks Corporation ACE9040 Datasheet HTML 7Page - Mitel Networks Corporation ACE9040 Datasheet HTML 8Page - Mitel Networks Corporation ACE9040 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
ACE9040
Pin No.
Pin No.
Name
Description
FP2 package FP1 package
11
V
DD
V
DD supply to substrate, pin should be at highest d.c. voltage
2
2
DEC
Mid-supply reference decoupling connection, 3.3
µF to GND
3
3
HF
Output from TX or RX handsfree rectifier, switched by bit “HFS”
4
4
LI
Line input
5
5
RREF
Reference bias current set for all op-amps by resistor to GND
6
6
BIAS
Buffered mid-supply reference output
77
AV
DD
Analogue V
DD input
8
8
DATI
Transmit data input
9
9
TSI
SAT path input for locally generated tone
10
10
RSI
SAT path receiver input for received tone
11
11
RXI
Speech path receiver input
12
12
RBPO
Audio output from EXPGAIN block
13
13
EAMPI
Output from EARSENSE amp
14
14
HFGIN
Input to RX volume control and handsfree attenuator
15
15
EOUT
Expander speech output
16
16
ERCIN
Expander time constant input, 180 k
Ω to ERCOUT, 100 nF to GND
17
17
ERCOUT
Expander time constant output, 180 k
Ω to ERCIN
18
18
EIN
Expander speech input, 33 nF to RBPO
19
19
EAMPO
Output from EAMP op-amp
20
20
EAMPFB
Inverting input to EAMP op-amp
21
21
EPOP
Earpiece driver positive output
22
22
EV
SS
Earpiece V
SS (GND) supply connection
-
23/24
nc
No connection
23
25
EPON
Earpiece driver negative output
24
26
EV
DD
Earpiece V
DD supply input
25
27
STBY
Standby output: low indicates standby state, high is V
DD output @ 10 mA
26
28
LO
Line output
27
29
VMIDRX
RX path mid-supply reference voltage, 82 nF to GND
28
30
DV
DD
Digital V
DD
29
31
LEN
Serial interface latch signal input, rising edge triggered
30
32
DV
SS
Digital V
SS (GND) connection
31/32
-
nc
No connection
33
33
LVN
Low supply V
DD voltage indicator comparator output, reset active low output
34
34
SCLK
Serial interface system clock input
35
35
SD
Serial interface data input
36
36
RSO
Received (regenerated) SAT output
37
37
TSO
Transmit SAT output, regenerated or transponded
38
38
DATO
Transmit data filter output.
39
39
AV
SS
Analogue V
SS (GND)
40
40
MOD
Modulation output: sum of Speech, Data and SAT
41
41
SUMO
Modulation summing amplifier output
42
42
SUMI
Modulation summing amplifier input
43
43
TLPO
Transmit audio lowpass filter output
44
44
BGAP
Bandgap voltage output, 10 nF to GND
45
45
V485
Hard limiter gain selection for 3.75 V or 4.85 V nominal supplies
46
46
nc
No connection
47
47
DTMF
DTMF tone output
48
48
AMPO
Auxillary op-amp output
49
49
nc
No connection
50
50
AMPI
Auxillary op-amp inverting input (non-inverting internally connected to VMIDTX)
51
51
PREIN
Transmit pre-emphasis filter input
52
52
TBPO
Transmit bandpass filter output
53
53
CIN
Compressor audio input, 10 nF from TBPO
54
54
CRCIN
Compressor time constant input, 100 nF to GND, 180 k
Ω to CRCOUT
55
55
VMIDTX
TX path reference voltage, 82 nF to GND
56
56
CRCOUT
Compressor time constant output, 180 k
Ω to CRCIN
57
57
nc
No connection
58
58
COUT
Compressor audio output, 33 nF to PREIN
59
59
TXC
Transmit handsfree audio level sensing rectifier smoothing filter, 68 nF to GND
60
60
RXC
Received handsfree audio level sensing rectifier smoothing filter, 68 nF to GND
61
61
IPS
Transmit audio gain INPSENSE adjustment block input
62
62
SLO
Soft limiter output
63
63
MI
Microphone input
64
64
MICBIAS
Bias for electret or active microphone
PIN DESCRIPTIONS
Note: FP1 = 10 x 10mm package, FP2 = 7 x 7 mm package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com