Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 19 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 19 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 15Page - Mitel Networks Corporation ACE9040 Datasheet HTML 16Page - Mitel Networks Corporation ACE9040 Datasheet HTML 17Page - Mitel Networks Corporation ACE9040 Datasheet HTML 18Page - Mitel Networks Corporation ACE9040 Datasheet HTML 19Page - Mitel Networks Corporation ACE9040 Datasheet HTML 20Page - Mitel Networks Corporation ACE9040 Datasheet HTML 21Page - Mitel Networks Corporation ACE9040 Datasheet HTML 22Page - Mitel Networks Corporation ACE9040 Datasheet HTML 23Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
ACE9040
CONTROL BUS: HANDSFREE MODE
Data bit
Bit Name
Function
Effect when
Effect when
at 0
at 1
DATA3:
[0]
DATA3[0]
Bus Mode Select
Must be “1”
Must be “1”
[1]
DATA3[1]
Bus Mode Select
Must be “1”
Must be “1”
[4:2]
THF[2:0]
Transmit Handsfree Gain
see table 18
see table 18
[7:5]
RHF[2:0]
Receive Handsfree Gain
see table 18
see table 18
DATA2:
[0]
HFP
Handsfree Rectifiers Power
Off
On
[1]
HFS
HF Output Connection Path
Transmit
Receive
[2]
MIG
Microphone Amplifier Gain
+ 22 dB
+ 32 dB
[4:3]
not used
-
-
-
[5]
AMPS
Cellular System Select
‡
AMPS‡
[6]
not used
-
-
-
[7]
-
-
must be "0"
must be "0"
DATA1:
[2:0]
-
-
must be "0"
must be "0"
[5:3]
not used
-
-
-
[7:6]
not used
-
-
-
THF[2]
THF[1]
THF[0]
Gain
RHF[2]
RHF[1]
RHF[0]
(dB)
00
0
0
00
1
– 7
01
0
– 14
01
1
– 21
10
0
– 28
10
1
– 35
11
0
– 42
11
1
– 49
Table 18 TXHFGAIN and RXHFGAIN Handsfree Attenuator
Nominal Gains, set by THF[2:0] and RHF[2:0].
‡See table 19.
Table 17 “Handsfree Mode”, DATA3[1:0] = 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com