Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9040 Datasheet(PDF) 28 Page - Mitel Networks Corporation

Part # ACE9040
Description  Audio Processor Advance Information
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9040 Datasheet(HTML) 28 Page - Mitel Networks Corporation

Back Button ACE9040 Datasheet HTML 24Page - Mitel Networks Corporation ACE9040 Datasheet HTML 25Page - Mitel Networks Corporation ACE9040 Datasheet HTML 26Page - Mitel Networks Corporation ACE9040 Datasheet HTML 27Page - Mitel Networks Corporation ACE9040 Datasheet HTML 28Page - Mitel Networks Corporation ACE9040 Datasheet HTML 29Page - Mitel Networks Corporation ACE9040 Datasheet HTML 30Page - Mitel Networks Corporation ACE9040 Datasheet HTML 31Page - Mitel Networks Corporation ACE9040 Datasheet HTML 32Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28
ACE9040
Gain and filter set-ups for TACS, AMPS and user control bits: Transmit
TACS
AMPS
User control bit(s)
Microphone amp
22 or 32 dB
22 or 32 dB
MIG
Soft limiter
0 to - 30 dB
0 to - 30 dB
Internal
INPSENSE gain adjust
+ 8 dB
+ 8 dB
INPS[4:0]
(- 12.8 to + 12 dB)
(- 12.8 to + 12 dB)
TXBPF TX bandpass filter
0 dB
0 dB
Fixed
HFGAIN, TX Handsfree attenuator
0 to - 49 dB
0 to - 49 dB
THF[2:0]
Compressor: Compression about
2:11
2:11
Fixed
unaffected level. (707 mVrms, - 3 dBV)
Pre-emphasis gain control
- 7 dB
- 11 dB
TACS & AMPS
(Internal compressor)
Pre-emphasis gain control
0 dB
0 dB
Fixed
HARD LIMIT, Hard deviation limiter
+ 16.5 dB @ 4.85V
+ 13.5 dB @ 3.75V
V485 pin
+ 13.5 dB @ 3.75V
+ 16.5 dB @ 4.85V
TXLPF TX low pass filter
- 8 dB
- 8 dB
Fixed
AUDIODEV,
0 dB
0 dB
AUDEV[3:0]
(-2.8 to + 3.2 dB)
(-2.8 to + 3.2 dB)
TXSENSE, signal
0 dB
0 dB
TXSEN[3:0]
(-2.8 to +3.2 dB)
(-2.8 to +3.2 dB)
Nominal TX Channel Gain
28.52 dB @ 3.75 V
23.52 dB @ 3.75 V
(bypassed compressor)
31.52 dB @ 4.85 V
26.52 dB @ 4.85 V
Function Controlled by TACS & AMPS Bits
TACS
AMPS
Internal pre-emphasis gain control.
TACS = - 7.0 dB
1
0
AMPS= - 11.0 dB
0
1
APPLICATIONS INFORMATION
To help with system set up tables 22 to 25 show
ACE9040's functions and their respective controlling bits.
Table 23 shows the gains and filter characteristics pre-
determined when setting the TACS & AMPS cellular system
selection bits. Tables 23 & 24 show these functions
respectively for the transmit and receive sections of ACE9040.
Table 25 shows the four control messages with an example of
the data to turn all ACE9040 functions on.
Table 22 Functions Controlled by TACS & AMPS Bits
Notes:
1. Above the unaffected (0 dB gain) level the compressor attenuates and below this level it provides gain.
2. MIC gain = 22 dB
Table 23 Transmit gain and filter set-ups for TACS, AMPS and user control bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com