Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 64 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 64 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 60Page - ams AG AS3955-ASWF-S2 Datasheet HTML 61Page - ams AG AS3955-ASWF-S2 Datasheet HTML 62Page - ams AG AS3955-ASWF-S2 Datasheet HTML 63Page - ams AG AS3955-ASWF-S2 Datasheet HTML 64Page - ams AG AS3955-ASWF-S2 Datasheet HTML 65Page - ams AG AS3955-ASWF-S2 Datasheet HTML 66Page - ams AG AS3955-ASWF-S2 Datasheet HTML 67Page - ams AG AS3955-ASWF-S2 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 111 page
background image
Page 64
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Figure 68:
SPI Read Timing
SPI Electrical Connection
A pull-down resistor can be connected by setting miso_pd1 and
miso_pd2 bits in IO Configuration Register
.
Figure 69:
SPI Electrical Connection
...
...
...
DATAI
...
t
DOHZ
/SS
MOSI
MISO
SCLK
t DOD
DATAO
DATAO
RP=10kΩ
VP_IO
VSS
MISO
AS3955
Pull down
settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com