Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 65 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 65 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 61Page - ams AG AS3955-ASWF-S2 Datasheet HTML 62Page - ams AG AS3955-ASWF-S2 Datasheet HTML 63Page - ams AG AS3955-ASWF-S2 Datasheet HTML 64Page - ams AG AS3955-ASWF-S2 Datasheet HTML 65Page - ams AG AS3955-ASWF-S2 Datasheet HTML 66Page - ams AG AS3955-ASWF-S2 Datasheet HTML 67Page - ams AG AS3955-ASWF-S2 Datasheet HTML 68Page - ams AG AS3955-ASWF-S2 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
ams Datasheet
Page 65
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
I²C Interface
Communication between AS3955 and microcontroller can be
done via a I²C interface and an additional interrupt signal.
AS3955 acts an I²C slave device, and supports single master,
multiple slave configurations. AS3955 I²C supports following
modes: Standard-mode, Fast-mode, Fast-mode Plus.
Figure 70:
I²C and Interrupt Signals
During I²C communication, the signal /SS should be set to low.
By setting the /SS to low, I²C interface is enabled. It is
recommended to keep signal /SS high whenever the I²C
interface is not used.
I²C interface supports the following modes:
• internal registers read and write
• EEPROM read and write
• buffer read and write
• direct commands
Please note that the only I²C operations allowed, when logic
and EEPROM are supplied from VP_IO, are EEPROM and registers
reading and writing (see also Power Management).
Name
Signal
Signal Level
Description
/SS
Digital Input with pull up
CMOS
Should be set to high during I²C communication
SDA
Digital Output
CMOS
Serial Data output
SCL
Digital Input
CMOS
Clock for serial communication
IRQ
Digital Output
CMOS
Interrupt Output pin (active high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com