Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 57 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 57 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 53Page - ams AG AS3955-ASWF-S2 Datasheet HTML 54Page - ams AG AS3955-ASWF-S2 Datasheet HTML 55Page - ams AG AS3955-ASWF-S2 Datasheet HTML 56Page - ams AG AS3955-ASWF-S2 Datasheet HTML 57Page - ams AG AS3955-ASWF-S2 Datasheet HTML 58Page - ams AG AS3955-ASWF-S2 Datasheet HTML 59Page - ams AG AS3955-ASWF-S2 Datasheet HTML 60Page - ams AG AS3955-ASWF-S2 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
ams Datasheet
Page 57
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Figure 58:
IO Signals to Controller
Writing Data to Addressable Registers
(Register Write Mode)
Following figures show waveforms of writing a single byte and
writing multiple bytes with auto-incrementing address. After
the SPI operation mode bits, the address of starting register to
be written is provided. Then one or more data bytes are
transferred from the SPI, always MSB first. The data byte is
written in register on falling edge of its last clock. In case the
communication is terminated by putting /SS high before a
packet of 8 bits composing one byte is sent, writing of this
register is not performed. In case the register on the defined
address does not exist or it is a read-only register, no write is
performed.
Figure 59:
SPI Communication: Writing a Single Register
MOSI
MISO
MISO
MOSI
μC
AS3955
MOSI
MISO
I/O
μC
AS3955
Separate SPI Input and Output Signals to Controller
Bidirectional Data IO Signal to Controller
0
0
0
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK raising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
Data is moved to
Address
A4-A0
/SS rising
edge signals
end of WRITE
Mode
Three
leading bits
indicate Mode
/SS
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com