Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 16 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 16 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 12Page - ams AG AS3955-ASWF-S2 Datasheet HTML 13Page - ams AG AS3955-ASWF-S2 Datasheet HTML 14Page - ams AG AS3955-ASWF-S2 Datasheet HTML 15Page - ams AG AS3955-ASWF-S2 Datasheet HTML 16Page - ams AG AS3955-ASWF-S2 Datasheet HTML 17Page - ams AG AS3955-ASWF-S2 Datasheet HTML 18Page - ams AG AS3955-ASWF-S2 Datasheet HTML 19Page - ams AG AS3955-ASWF-S2 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Arbitration Mode 0
AS3955 arbitrates EEPROM write accesses according to
first-come-first-serve principle.
• In case no write access is currently ongoing, both RF and
SPI / I²C interfaces are allowed to write into EEPROM.
• In case a write request comes over RF, while SPI / I²C is
writing, AS3955 will return a NAK.
• In case a write request comes over SPI / I²C while RF is
writing, AS3955 will trigger a I_err_acc interrupt (see
Figure 92).
Arbitration Mode 1
AS3955 gives always priority to RF accesses. In this mode,
AS3955 behaves over RF as a pure contactless tag.
• In case SPI / I²C is performing a EEPROM write while the
RF field is turned on, the write operation is interrupted to
allow the initialization of the RF communication
• In case the RF field is already on and SPI / I²C performs a
write to EEPROM and a READ or WRITE command is
received via RF, the write operation of SPI / I²C is
interrupted so that the RF operation can be performed
In both cases, a I_err_acc interrupt (see Figure 92) will be
triggered.
Please note that the interruption of an EEPROM write may result
in an undefined or “weak” state for the cell being programmed,
and a second successful write attempt is suggested.
Energy Harvesting
AS3955 has energy harvesting capability. The regulated voltage
output pin for energy harvesting is VP_REG. The energy
harvesting is enabled only in Power Mode 1 and 2. The output
voltage and resistance can be set by Configuration Byte
IC_CFG1.The energy harvesting can be disabled by setting the
output resistance register to 0 as shown in Figure 15.
Figure 15:
Output Resistance Settings
Figure 15 shows settings of the regulated voltage output. The
output can be set between 1.8V and 4.5V in 100mV step.
rreg<1:0>
Output Resistance
Comment
00b
X
Disabled – output pin
is in tristate
01b
100Ω
10b
50Ω
11b
25Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com