Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 43 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 43 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 39Page - ams AG AS3955-ASWF-S2 Datasheet HTML 40Page - ams AG AS3955-ASWF-S2 Datasheet HTML 41Page - ams AG AS3955-ASWF-S2 Datasheet HTML 42Page - ams AG AS3955-ASWF-S2 Datasheet HTML 43Page - ams AG AS3955-ASWF-S2 Datasheet HTML 44Page - ams AG AS3955-ASWF-S2 Datasheet HTML 45Page - ams AG AS3955-ASWF-S2 Datasheet HTML 46Page - ams AG AS3955-ASWF-S2 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 111 page
background image
ams Datasheet
Page 43
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
The basic assumption of Tunneling mode is that MCU is
responsible for generating the response and that AS3955 takes
care of the response synchronization over RF. For this reason,
AS3955 has a possibility to transmit ACK and NACK by issuing
a direct command (see section Direct Commands). The MCU can
also transmit data by writing the data into the buffer and issuing
a Transmit command. The implementation of Tunneling mode
also requires the handling of the SLP_REQ command since all
the received data in SELECTED state are stored in the buffer and
will not be processed by AS3955. This also implies that MCU has
to take care of correct transition of the tag into SLEEP or SENSE
state by using one of the three available commands Go To Sleep,
Go To Sense and Go To Sense / Sleep.
Data Transaction in Tunneling Mode
Figure 47 shows an example of how communication in
Tunneling mode should be implemented.
Figure 47:
Read First, then Acknowledge
ACK and NACK responses can be replaced by data, in case of an
incoming READ command.
Relevant Registers, Interrupts and Commands
Registers:
• Buffer Status Register 1 and Buffer Status Register 2 (data
length and error type)
PCD
AS3955
DATA
RX
ACK / N
ACK
MCU
DATA
RD O
UT
CMD A
CK / NA
CK
DATA
TX
Rx start
Rx end, crc or parity error,
buffer error
Tx end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com