Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 83 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 83 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 79Page - ams AG AS3955-ASWF-S2 Datasheet HTML 80Page - ams AG AS3955-ASWF-S2 Datasheet HTML 81Page - ams AG AS3955-ASWF-S2 Datasheet HTML 82Page - ams AG AS3955-ASWF-S2 Datasheet HTML 83Page - ams AG AS3955-ASWF-S2 Datasheet HTML 84Page - ams AG AS3955-ASWF-S2 Datasheet HTML 85Page - ams AG AS3955-ASWF-S2 Datasheet HTML 86Page - ams AG AS3955-ASWF-S2 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
ams Datasheet
Page 83
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Register Description
Version Control Register
Figure 96:
Version Control – Major Revision
Figure 97:
Version Control – Minor Revision
Note(s) and/or Footnote(s):
1. Default values are loaded from EEPROM configuration block bits (Configuration Bytes MIRQ_0 and MIRQ_1)
Address 1Eh: Version Control – Major Revision
Bit
Name
Default
Function
Type
7maj7
0
Major version revision
RO
6maj6
0
5maj5
0
4maj4
0
3maj3
0
2maj2
0
1maj1
0
0maj0
1
Address 1Fh: Version Control – Minor Revision
Bit
Name
Default
Function
Type
7min7
0
Minor version revision
RO
6min6
0
5min5
0
4min4
0
3min3
0
2min2
0
1min1
0
0min0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com