Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 18 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 18 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 14Page - ams AG AS3955-ASWF-S2 Datasheet HTML 15Page - ams AG AS3955-ASWF-S2 Datasheet HTML 16Page - ams AG AS3955-ASWF-S2 Datasheet HTML 17Page - ams AG AS3955-ASWF-S2 Datasheet HTML 18Page - ams AG AS3955-ASWF-S2 Datasheet HTML 19Page - ams AG AS3955-ASWF-S2 Datasheet HTML 20Page - ams AG AS3955-ASWF-S2 Datasheet HTML 21Page - ams AG AS3955-ASWF-S2 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 111 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Passive Wake-Up
AS3955 is able to operate NFC tag operations standalone and
fully powered by the RF field. The connected MCU can remain
is standby/sleep mode as long as its intervention is not required
by the application, in order to save power. AS3955 can be
configured to notify the MCU through a wake-up interrupt.
A number of triggering events can be selected, e.g.:
• Power up
• SELECTED state entered
• Reception of SLP_REQ command
• NFC device has updated memory content
For a complete interrupt source list, please refer to the section
Interrupt Registers.
Chip Kill
Some applications require that the RF link is active only under
certain conditions, e.g. during device configuration only in a
controlled environment like a production facility.
AS3955 can be configured by the MCU in order to restrict the
NFC device access to the system. By setting the Configuration
Byte CHIP_KILL in EEPROM, the MCU can disable access to
SPI / I²C from the RF link (i.e. Tunneling and Extended mode are
permanently disabled), or even disable RF communication
completely. In the latter case, AS3955 will not respond to
incoming RF commands.
This configuration can be modified only by the MCU through
SPI / I²C interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com