Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 34 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 34 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 30Page - ams AG AS3955-ASWF-S2 Datasheet HTML 31Page - ams AG AS3955-ASWF-S2 Datasheet HTML 32Page - ams AG AS3955-ASWF-S2 Datasheet HTML 33Page - ams AG AS3955-ASWF-S2 Datasheet HTML 34Page - ams AG AS3955-ASWF-S2 Datasheet HTML 35Page - ams AG AS3955-ASWF-S2 Datasheet HTML 36Page - ams AG AS3955-ASWF-S2 Datasheet HTML 37Page - ams AG AS3955-ASWF-S2 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Configuration Byte CHIP_KILL
Figure 36:
Configuration Byte CHIP_KILL
Note(s) and/or Footnote(s):
1. This byte can always be accessed for read and write via the SPI / I²C and can’t be accessed for read and write from the RF side.
By setting CHIP_KILL byte the RF communication part of the
chip or Tunneling and Extended mode will be disabled
permanently. At its initial state, the CHIP_KILL byte is set to
value 00h. The value of this byte can be changed via SPI / I²C. If
bit b6 is set to value 1, the RF part of the chip shall be disabled
and AS3955 will not respond to any command received from a
NFC device. By setting bit b7 to 1, Tunneling and Extended
mode will be disabled.
Conf. Bit
Name
Default
Function
Note
b7
chip_kill_2
0
1: Tunneling and Extended mode are disabled
b6
chip_kill_1
0
1: RF communication part is disabled
b5
rfu
0
b4
rfu
0
b3
rfu
0
b2
rfu
0
b1
rfu
0
b0
rfu
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com