Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 37 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 37 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 33Page - ams AG AS3955-ASWF-S2 Datasheet HTML 34Page - ams AG AS3955-ASWF-S2 Datasheet HTML 35Page - ams AG AS3955-ASWF-S2 Datasheet HTML 36Page - ams AG AS3955-ASWF-S2 Datasheet HTML 37Page - ams AG AS3955-ASWF-S2 Datasheet HTML 38Page - ams AG AS3955-ASWF-S2 Datasheet HTML 39Page - ams AG AS3955-ASWF-S2 Datasheet HTML 40Page - ams AG AS3955-ASWF-S2 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
ams Datasheet
Page 37
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Configuration Byte AUTH_CFG
Figure 39:
Configuration Byte AUTH_CFG
Note(s) and/or Footnote(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if chip is in
AUTHENTICATED state and configuration bit auth_set is 1.
Bits auth_w and auth_r define for which operations the
authentication is needed. If a lock bit is set for a certain block,
then write cannot be performed even if IC is in AUTHENTICATED
state. This means that lock bits overrule authentication.
Configuration Byte SENSR1
Figure 40:
Configuration Byte SENSR1
Note(s) and/or Footnote(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if rfcfg_en
is set to 1.
Conf. Bit
Name
Default
Function
Note
b7
rfu
0
b6
rfu
0
b5
rfu
0
b4
rfu
0
b3
rfu
0
b2
rfu
0
b1
auth_w<1>
0
Authentication is required for writing
b0
auth_r<0>
0
Authentication is required for reading
Conf. Bit
Name
Default
Function
Note
b7
sens_res<15>
0
SENS_RES response byte 2 on SENS_REQ
b6
sens_res<14>
0
b5
sens_res<13>
0
b4
sens_res<12>
0
b3
sens_res<11>
0
b2
sens_res<10>
0
b1
sens_res<9>
0
b0
sens_res<8>
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com