Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 30 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 30 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 26Page - ams AG AS3955-ASWF-S2 Datasheet HTML 27Page - ams AG AS3955-ASWF-S2 Datasheet HTML 28Page - ams AG AS3955-ASWF-S2 Datasheet HTML 29Page - ams AG AS3955-ASWF-S2 Datasheet HTML 30Page - ams AG AS3955-ASWF-S2 Datasheet HTML 31Page - ams AG AS3955-ASWF-S2 Datasheet HTML 32Page - ams AG AS3955-ASWF-S2 Datasheet HTML 33Page - ams AG AS3955-ASWF-S2 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Fabrication Data FAB_CFG1
Figure 30:
Fabrication Data FAB_CFG1
Note(s) and/or Footnote(s):
1. This byte can be set only during production.
The fdel bits define frame delay time (FDT) adjustment and
represent a time compensation in number of clocks of carrier
frequency. The osct bits are trimming bits for the internal
oscillator.
Fabrication Data FAB_CFG2
Figure 31:
Fabrication Data FAB_CFG2
Note(s) and/or Footnote(s):
1. This byte can be set only during production.
Conf. Bit
Name
Default
Function
Note
b7
fdel<3>
0
PCD to PICC frame delay time compensation;
frame compensation defined as fdel*1/fc
b6
fdel<2>
0
b5
fdel<1>
0
b4
fdel<0>
0
b3
osct<1>
0
Oscillator trimming bits
b2
osct<0>
0
b1
decc<1>
0
Decoder compensation register
b0
decc<0>
0
Conf. Bit
Name
Default
Function
Note
b7
test_mode
0
b6
mod_r
0
1: decreased modulator switch resistance
b5
miso_pd2
0
1: pull down on MISO, when \SS is low and
MISO is not driven by the AS3955
b4
miso_pd1
0
1: pull down on MISO when \SS is high
b3
rfu
0
b2
rfu
0
b1
rfu
0
b0
rfu
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com