Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 28 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 28 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 24Page - ams AG AS3955-ASWF-S2 Datasheet HTML 25Page - ams AG AS3955-ASWF-S2 Datasheet HTML 26Page - ams AG AS3955-ASWF-S2 Datasheet HTML 27Page - ams AG AS3955-ASWF-S2 Datasheet HTML 28Page - ams AG AS3955-ASWF-S2 Datasheet HTML 29Page - ams AG AS3955-ASWF-S2 Datasheet HTML 30Page - ams AG AS3955-ASWF-S2 Datasheet HTML 31Page - ams AG AS3955-ASWF-S2 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
2kbit EEPROM Organization
Numbers of dynamic lock bits:
• Data area size in bytes:
4*(63 – 3) – 3 – 21 = 216 bytes
• Number of dynamic lock bits:
(200 – 48) / 8 = 21 bits (21 bits)
Figure 28:
2kbit EEPROM Organization
Note(s) and/or Footnote(s):
1. Bits that are not used should be set to 0.
Access properties:
RO: Read only, writing to this word is not possible
RW: Reading and writing to this word is possible
OTP: One time programmable. A bit of this word once set to 1 cannot be set back to 0.
Byte Number in Block
Block
0
1
2
3
Description
Access
Byte number in block
Block
0
1
2
3
Description
Access
00h
UID0
UID1
UID2
UID3
UID / Internal
RO
01h
FAB_CFG0
FAB_CFG1
FAB_CFG2
FAB_CFG3
Fabrication data
RO
02h
Internal 8
Internal 9
Lock 0
Lock 1
Internal / Lock
OTP
03h
CC 0
CC 1
CC 2
CC 3
CC
OTP
04h
Data 0
Data 1
Data 2
Data 3
Data
RW
05h
Data 4
Data 5
Data 6
Data 7
Data
RW
06h
Data 8
Data 9
Data 10
Data 11
Data
RW
07h
:
:
39h
Data
RW
3Ah
Lock 2
Lock 3
Lock 4
Lock 5
Lock
OTP
3Bh
Lock 6
Lock 7
Lock 8 (1)
Reserved 0
Lock / Reserved
OTP
3Ch
RFP0
RFP1
RFP2
RFP3
Authentication
password
RW
3Dh
CHIP_KILL
AUTH_CNT
AUTH_LIM
AUTH_CFG
Authentication
settings
RW
3Eh
SENSR1
SENSR2
SELR
IC_CFG0
Config. block 0
RW
3Fh
IC_CFG1
IC_CFG2
MIRQ_0
MIRQ_1
Config. block 1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com