Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3955-ASWF-S2 Datasheet(PDF) 111 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 111 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 103Page - ams AG AS3955-ASWF-S2 Datasheet HTML 104Page - ams AG AS3955-ASWF-S2 Datasheet HTML 105Page - ams AG AS3955-ASWF-S2 Datasheet HTML 106Page - ams AG AS3955-ASWF-S2 Datasheet HTML 107Page - ams AG AS3955-ASWF-S2 Datasheet HTML 108Page - ams AG AS3955-ASWF-S2 Datasheet HTML 109Page - ams AG AS3955-ASWF-S2 Datasheet HTML 110Page - ams AG AS3955-ASWF-S2 Datasheet HTML 111Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 111 / 111 page
background image
ams Datasheet
Page 111
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Content Guide
70
I²C Electrical Connection
71
Interrupt Interface Description
71
Buffer Interrupts and Buffer Status Register
72
EEPROM Read and Write
72
Data Buffer
73
Direct Commands
73
Set Default
73
Clear Buffer
73
Restart Transceiver
74
Disable/Enable Transceiver
74
Transmit Buffer
74
Transmit ACK
74
Transmit NACK 0-5
74
Go To Sleep
74
Go To Sense
74
Go To Sense / Sleep
75
Register Description
75
Registers Overview
76
IO Configuration Register
76
IC Configuration Registers
78
Status Display Registers
79
Interrupt Registers
81
Buffer Registers
82
NFC Last Address Register
83
Version Control Register
84
Application Information
84
Writing a NDEF Message into AS3955 Memory
85
Reading/Writing Through NFC Device
86
Reading/Writing Through SPI / I²C
86
Using Extended Mode to Switch AS3955 into Tunneling
Mode
86
Using Tunneling Mode to Emulate a NFC Type 4 Tag
98
References
99
Package Drawings & Markings
103 Ordering & Contact Information
105 RoHS Compliant & ams Green Statement
106 Copyrights & Disclaimer
107 Document Status
108 Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com