Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 117 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 117 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 113Page - Silicon Laboratories EM341 Datasheet HTML 114Page - Silicon Laboratories EM341 Datasheet HTML 115Page - Silicon Laboratories EM341 Datasheet HTML 116Page - Silicon Laboratories EM341 Datasheet HTML 117Page - Silicon Laboratories EM341 Datasheet HTML 118Page - Silicon Laboratories EM341 Datasheet HTML 119Page - Silicon Laboratories EM341 Datasheet HTML 120Page - Silicon Laboratories EM341 Datasheet HTML 121Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 237 page
background image
EM341
118
Rev 1.0
Figure 9.6. Counter Timing Diagram, Update Event when TIM_ARBE = 1 (TIMx_ARR Buffered)
9.3.2.2. Down-Counting Mode
In down-counting mode, the counter counts from the auto-reload value (contents of the TIMx_ARR register) down
to 0, then restarts from the auto-reload value and generates a counter underflow event.
A UEV can be generated at each counter underflow, by setting the TIM_UG bit in the TIMx_EGR register, or by
using the slave mode controller. Software can disable the UEV by setting the TIM_UDIS bit in the TIMx_CR1
register, to avoid updating the shadow registers while writing new values in the buffer registers. No UEV occurs
until the TIM_UDIS bit is written to 0. However, the counter restarts from the current auto-reload value, whereas the
prescaler's counter restarts from 0, but the prescale rate doesn't change.
In addition, if the TIM_URS bit in the TIMx_CR1 register is set, setting the TIM_UG bit generates a UEV, but
without setting the INT_TIMUIF flag. Thus no interrupt request is sent. This avoids generating both update and
capture interrupts when clearing the counter on the capture event.
When a UEV occurs, the update flag (the INT_TIMUIF bit in the INT_TIMxFLAG register) is set (unless TIM_URS
is 1) and the following registers are updated:

The prescaler shadow register is reloaded with the buffer value (contents of the TIMx_PSC register).

The auto-reload active register is updated with the buffer value (contents of the TIMx_ARR register). The
auto-reload is updated before the counter is reloaded, so that the next period is the expected one.
Figure 9.7 and Figure 9.8 show some examples of the counter behavior for different clock frequencies when
TIMx_ARR = 0x36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com