Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 118 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 118 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 114Page - Silicon Laboratories EM341 Datasheet HTML 115Page - Silicon Laboratories EM341 Datasheet HTML 116Page - Silicon Laboratories EM341 Datasheet HTML 117Page - Silicon Laboratories EM341 Datasheet HTML 118Page - Silicon Laboratories EM341 Datasheet HTML 119Page - Silicon Laboratories EM341 Datasheet HTML 120Page - Silicon Laboratories EM341 Datasheet HTML 121Page - Silicon Laboratories EM341 Datasheet HTML 122Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 237 page
background image
EM341
Rev 1.0
119
Figure 9.7. Counter Timing Diagram, Internal Clock Divided by 1
Figure 9.8. Counter Timing Diagram, Internal Clock Divided by 4
9.3.2.3. Center-Aligned Mode (Up/Down Counting)
In center-aligned mode, the counter counts from 0 to the auto-reload value (contents of the TIMx_ARR register) – 1
and generates a counter overflow event, then counts from the autoreload value down to 1 and generates a counter
underflow event. Then it restarts counting from 0.
In this mode, the direction bit (TIM_DIR in the TIMx_CR1 register) cannot be written. It is updated by hardware and
gives the current direction of the counter.
The UEV can be generated at each counter overflow and at each counter underflow. Setting the TIM_UG bit in the
TIMx_EGR register by software or by using the slave mode controller also generates a UEV. In this case, the both
the counter and the prescaler’s counter restart counting from 0.
Software can disable the UEV by setting the TIM_UDIS bit in the TIMx_CR1 register. This avoids updating the
shadow registers while writing new values in the buffer registers. Then no UEV occurs until the TIM_UDIS bit has
been written to 0. However, the counter continues counting up and down, based on the current auto-reload value.
In addition, if the TIM_URS bit in the TIMx_CR1 register is set, setting the TIM_UG bit generates a UEV, but
without setting the INT_TIMUIF flag. Thus no interrupt request is sent. This avoids generating both update and
capture interrupt when clearing the counter on the capture event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com