Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 148 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 148 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 144Page - Silicon Laboratories EM341 Datasheet HTML 145Page - Silicon Laboratories EM341 Datasheet HTML 146Page - Silicon Laboratories EM341 Datasheet HTML 147Page - Silicon Laboratories EM341 Datasheet HTML 148Page - Silicon Laboratories EM341 Datasheet HTML 149Page - Silicon Laboratories EM341 Datasheet HTML 150Page - Silicon Laboratories EM341 Datasheet HTML 151Page - Silicon Laboratories EM341 Datasheet HTML 152Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 237 page
background image
EM341
Rev 1.0
149
TIM_SMS
[2:0]
RW
Slave Mode Selection.
When external signals are selected the active edge of the trigger signal
(TRGI) is linked to the polarity selected on the external input.
000: Slave mode disabled.
If TIM_CEN = 1 then the prescaler is clocked directly by the internal clock.
001: Encoder mode 1. Counter counts up/down on TI1FP1 edge depending
on TI2FP2 level.
010: Encoder mode 2. Counter counts up/down on TI2FP2 edge depending
on TI1FP1 level.
011: Encoder mode 3. Counter counts up/down on both TI1FP1 and TI2FP2
edges depending on the level of the other input.
100: Reset Mode. Rising edge of the selected trigger signal (TRGI) >reinitial-
izes the counter and generates an update of the registers.
101: Gated Mode. The counter clock is enabled when the trigger signal
(TRGI) is high. The counter stops (but is not reset) as soon as the trigger
becomes low. Both starting and stopping the counter are controlled.
110: Trigger Mode. The counter starts at a rising edge of the trigger TRGI (but
it is not reset). Only starting the counter is controlled.
111: External Clock Mode 1. Rising edges of the selected trigger (TRGI) clock
the counter.
Note: Gated mode must not be used if TI1F_ED is selected as the trigger input
(TIM_TS = 100). TI1F_ED outputs 1 pulse for each transition on TI1F, whereas
gated mode checks the level of the trigger signal.
Bitname
Bitfield Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com