Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 152 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 152 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 148Page - Silicon Laboratories EM341 Datasheet HTML 149Page - Silicon Laboratories EM341 Datasheet HTML 150Page - Silicon Laboratories EM341 Datasheet HTML 151Page - Silicon Laboratories EM341 Datasheet HTML 152Page - Silicon Laboratories EM341 Datasheet HTML 153Page - Silicon Laboratories EM341 Datasheet HTML 154Page - Silicon Laboratories EM341 Datasheet HTML 155Page - Silicon Laboratories EM341 Datasheet HTML 156Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 237 page
background image
EM341
Rev 1.0
153
Bitname
Bitfield
Access
Description
TIM_OC2M
[14:12]
RW
Output Compare 2 Mode. (Applies only if TIM_CC2S = 0.)
Define the behavior of the output reference signal OC2REF from which
OC2 derives. OC2REF is active high whereas OC2''s active level depends
on the TIM_CC2P bit.
000: Frozen - The comparison between the output compare register TIMx-
_CCR2 and the counter TIMx_CNT has no effect on the outputs.
001: Set OC2REF to active on match. The OC2REF signal is forced high
when the counter TIMx_CNT matches the capture/compare register 2
(TIMx_CCR2)
010: Set OC2REF to inactive on match. OC2REF signal is forced low
when the counter TIMx_CNT matches the capture/compare register 2
(TIMx_CCR2).
011: Toggle - OC2REF toggles when TIMx_CNT = TIMx_CCR2.
100: Force OC2REF inactive.
101: Force OC2REF active.
110: PWM mode 1 - In up-counting, OC2REF is active as long as
TIMx_CNT < TIMx_CCR2, otherwise OC2REF is inactive. In down-count-
ing, OC2REF is inactive if TIMx_CNT > TIMx_CCR2, otherwise OC2REF
is active.
111: PWM mode 2 - In up-counting, OC2REF is inactive if
TIMx_CNT < TIMx_CCR2, otherwise OC2REF is active. In down-count-
ing, OC2REF is active if TIMx_CNT > TIMx_CCR2, otherwise it is inactive.
Note: In PWM mode 1 or 2, the OC2REF level changes only when the result of
the comparison changes or when the output compare mode switches from
“frozen” mode to “PWM” mode.
TIM_OC2BE
[11]
RW
Output Compare 2 Buffer Enable. (Applies only if TIM_CC2S = 0.)
0: Buffer register for TIMx_CCR2 is disabled. TIMx_CCR2 can be written
at anytime, the new value is used by the shadow register immediately.
1: Buffer register for TIMx_CCR2 is enabled. Read/write operations
access the buffer register. TIMx_CCR2 buffer value is loaded in the
shadow register at each UEV
.
Note: The PWM mode can be used without enabling the buffer register only in
one pulse mode (TIM_OPM bit set in the TIMx_CR2 register), otherwise the
behavior is undefined.
TIM_OC2FE
[10]
RW
Output Compare 2 Fast Enable. (Applies only if TIM_CC2S = 0.)
This bit speeds the effect of an event on the trigger in input on the OC2
output.
0: OC2 behaves normally depending on the counter and TIM_CCR2 val-
ues even when the trigger is ON. The minimum delay to activate OC2
when an edge occurs on the trigger input is 5 clock cycles.
1: An active edge on the trigger input acts like a compare match on the
OC2 output. OC2 is set to the compare level independently from the result
of the comparison. Delay to sample the trigger input and to activate OC2
output is reduced to 3 clock cycles. TIM_OC2FE acts only if the channel is
configured in PWM 1 or PWM 2 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com