Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 156 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 156 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 152Page - Silicon Laboratories EM341 Datasheet HTML 153Page - Silicon Laboratories EM341 Datasheet HTML 154Page - Silicon Laboratories EM341 Datasheet HTML 155Page - Silicon Laboratories EM341 Datasheet HTML 156Page - Silicon Laboratories EM341 Datasheet HTML 157Page - Silicon Laboratories EM341 Datasheet HTML 158Page - Silicon Laboratories EM341 Datasheet HTML 159Page - Silicon Laboratories EM341 Datasheet HTML 160Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 237 page
background image
EM341
Rev 1.0
157
Bitname
Bitfield Access
Description
TIM_OC4M
[14:12]
RW
Output Compare 4 Mode. (Applies only if TIM_CC4S = 0.)
Define the behavior of the output reference signal OC4REF from which
OC4 derives. OC4REF is active high whereas OC4’s active level depends
on the TIM_CC4P bit.
000: Frozen - The comparison between the output compare register TIMx-
_CCR4 and the counter TIMx_CNT has no effect on the outputs.
001: Set OC4REF to active on match. The OC4REF signal is forced high
when the counter TIMx_CNT matches the capture/compare register 4
(TIMx_CCR4)
010: Set OC4REF to inactive on match. OC4REF signal is forced low
when the counter TIMx_CNT matches the capture/compare register 4
(TIMx_CCR4).
011: Toggle - OC4REF toggles when TIMx_CNT = TIMx_CCR4.
100: Force OC4REF inactive.
101: Force OC4REF active.
110: PWM mode 1 - In up-counting, OC4REF is active as long as
TIMx_CNT < TIMx_CCR4, otherwise OC4REF is inactive. In down-count-
ing, OC4REF is inactive if TIMx_CNT > TIMx_CCR4, otherwise OC4REF
is active.
111: PWM mode 2 - In up-counting, OC4REF is inactive if
TIMx_CNT < TIMx_CCR4, otherwise OC4REF is active. In down-count-
ing, OC4REF is active if TIMx_CNT > TIMx_CCR4, otherwise it is inac-
tive.
Note: In PWM mode 1 or 2, the OC4REF level changes only when the result of
the comparison changes or when the output compare mode switches from
“frozen” mode to “PWM” mode.
TIM_OC4BE
[11]
RW
Output Compare 4 Buffer Enable. (Applies only if TIM_CC4S = 0.)
0: Buffer register for TIMx_CCR4 is disabled. TIMx_CCR4 can be written
at anytime, the new value is used by the shadow register immediately.
1: Buffer register for TIMx_CCR4 is enabled. Read/write operations
access the buffer register. TIMx_CCR4 buffer value is loaded in the
shadow register at each UEV
.
Note: The PWM mode can be used without enabling the buffer register only in
one pulse mode (TIM_OPM bit set in the TIMx_CR2 register), otherwise
the behavior is undefined.
TIM_OC4FE
[10]
RW
Output Compare 4 Fast Enable. (Applies only if TIM_CC4S = 0.)
This bit speeds the effect of an event on the trigger in input on the OC4
output.
0: OC4 behaves normally depending on the counter and TIM_CCR4 val-
ues even when the trigger is ON. The minimum delay to activate OC4
when an edge occurs on the trigger input is 5 clock cycles.
1: An active edge on the trigger input acts like a compare match on the
OC4 output. OC4 is set to the compare level independently from the result
of the comparison. Delay to sample the trigger input and to activate OC4
output is reduced to 3 clock cycles. TIM_OC4FE acts only if the channel is
configured in PWM 1 or PWM 2 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com