Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 121 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 121 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 117Page - Silicon Laboratories EM346-RTR Datasheet HTML 118Page - Silicon Laboratories EM346-RTR Datasheet HTML 119Page - Silicon Laboratories EM346-RTR Datasheet HTML 120Page - Silicon Laboratories EM346-RTR Datasheet HTML 121Page - Silicon Laboratories EM346-RTR Datasheet HTML 122Page - Silicon Laboratories EM346-RTR Datasheet HTML 123Page - Silicon Laboratories EM346-RTR Datasheet HTML 124Page - Silicon Laboratories EM346-RTR Datasheet HTML 125Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 142 page
background image
EM346
122
Rev 1.0
Table 17.1. EM346 Pin Descriptions
Pin #
Signal
Direction
Description
1
VDD_24MHZ
Power
1.8 V high-frequency oscillator supply
2
VDD_VCO
Power
1.8 V VCO supply
3
RF_P
I/O
Differential (with RF_N) receiver input/transmitter output
4
RF_N
I/O
Differential (with RF_P) receiver input/transmitter output
5
VDD_RF
Power
1.8 V RF supply (LNA and PA)
6
RF_TX_ALT_P
O
Differential (with RF_TX_ALT_N) transmitter output (optional)
7
RF_TX_ALT_N
O
Differential (with RF_TX_ALT_P) transmitter output (optional)
8
VDD_IF
Power
1.8 V IF supply (mixers and filters)
9
NC
Do not connect
10
VDD_PADSA
Power
Analog pad supply (1.8 V)
11
PC5
I/O
Digital I/O
TX_ACTIVE
O
Logic-level control for external RX/TX switch. The EM346 baseband con-
trols TX_ACTIVE and drives it high (VDD_PADS) when in TX mode.
Select alternate output function with GPIO_PCCFGH[7:4]
12
nRESET
I
Active low chip reset (internal pull-up)
13
PC6
I/O
Digital I/O
OSC32B
I/O
32.768 kHz crystal oscillator
Select analog function with GPIO_PCCFGH[11:8]
nTX_ACTIVE
O
Inverted TX_ACTIVE signal (see PC5)
Select alternate output function with GPIO_PCCFGH[11:8]
14
PC7
I/O
Digital I/O
OSC32A
I/O
32.768 kHz crystal oscillator
Select analog function with GPIO_PCCFGH[15:12]
OSC32_EXT
I
Digital 32.768 kHz clock input source
15
VREG_OUT
Power
Regulator output (1.8 V while awake, 0 V during deep sleep)
16
VDD_PADS
Power
Pads supply (2.1–3.6 V)
17
VDD_CORE
Power
1.25 V digital core supply decoupling
18
PA7
I/O
High
current
Digital I/O
Disable REG_EN with GPIO_DBGCFG[4]
REG_EN
O
External regulator open drain output
Enabled after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com