Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 123 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 123 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 119Page - Silicon Laboratories EM346-RTR Datasheet HTML 120Page - Silicon Laboratories EM346-RTR Datasheet HTML 121Page - Silicon Laboratories EM346-RTR Datasheet HTML 122Page - Silicon Laboratories EM346-RTR Datasheet HTML 123Page - Silicon Laboratories EM346-RTR Datasheet HTML 124Page - Silicon Laboratories EM346-RTR Datasheet HTML 125Page - Silicon Laboratories EM346-RTR Datasheet HTML 126Page - Silicon Laboratories EM346-RTR Datasheet HTML 127Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 142 page
background image
EM346
124
Rev 1.0
27
PA5
I/O
Digital I/O
PTI_DATA
O
Data signal of Packet Trace Interface (PTI)
Disable trace interface in ARM core
Enable PTI in Ember software
Select alternate output function with GPIO_PACFGH[7:4]
nBOOTMODE
I
Activate FIB monitor instead of main program or bootloader when coming
out of reset.
Signal is active during and immediately after a reset on nRESET. See "7.5.
Boot Configuration" on page 51.
TRACEDATA3
O
Synchronous CPU trace data bit 3
Select 4-wire synchronous trace interface in ARM core
Enable trace interface in ARM core
Select alternate output function with GPIO_PACFGH[7:4]
28
VDD_PADS
Power
Pads supply (2.1–3.6 V)
29
NC
Do not connect
30
PB1
I/O
Digital I/O
SC1MISO
O
SPI slave data out of Serial Controller 1
Select SPI with SC1_MODE
Select slave with SC1_SPICR
Select alternate output function with GPIO_PBCFGL[7:4]
SC1TXD
O
UART transmit data of Serial Controller 1
Select UART with SC1_MODE
Select alternate output function with GPIO_PBCFGL[7:4]
31
PB2
I/O
Digital I/O
SC1MOSI
I
SPI slave data in of Serial Controller 1
Select SPI with SC1_MODE
Select slave with SC1_SPICR
SC1RXD
I
UART receive data of Serial Controller 1
Select UART with SC1_MODE
32
SWCLK
I/O
Serial Wire clock input/output with debugger
Selected when in Serial Wire mode (see JTMS description, Pin 35)
JTCK
I
JTAG clock input from debugger
Selected when in JTAG mode (default mode, see JTMS description,
Pin 35)
Internal pull-down is enabled
Table 17.1. EM346 Pin Descriptions (Continued)
Pin #
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com