Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 52 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 48Page - STMicroelectronics STCOM Datasheet HTML 49Page - STMicroelectronics STCOM Datasheet HTML 50Page - STMicroelectronics STCOM Datasheet HTML 51Page - STMicroelectronics STCOM Datasheet HTML 52Page - STMicroelectronics STCOM Datasheet HTML 53Page - STMicroelectronics STCOM Datasheet HTML 54Page - STMicroelectronics STCOM Datasheet HTML 55Page - STMicroelectronics STCOM Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
Electrical characteristics
STCOM
52/58
DocID028515 Rev 1
Reception path characteristics
Table 25. Predriver characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(TX_OUT) BIAS
Transmitter output bias
voltage
Rx mode
AVDD_5V_TXDRV/2
V
-
Predriver load impedance
1
k
V(TX_OUT) HD2
Transmitter output 2nd
harmonic distortion - see(1)
V(TX_OUT) = 4.7 V
pk-pk, no load,
Fout = 100 KHz
-76
dBc
V(TX_OUT) HD3
Transmitter output 3rd
harmonic distortion see(1)
-83
dBc
V(TX_OUT) THD
Transmitter output total
harmonic distortion see(1)
-74
dB
V(TX_OUT) HD2
Transmitter output 2nd
harmonic distortion - see(1)
V(TX_OUT) = 4.7 V
pk-pk, no load,
Fout = 500 KHz
-74
dBc
V(TX_OUT) HD3
Transmitter output 3rd
harmonic distortion see(1)
-82
dBc
V(TX_OUT) THD
Transmitter output total
harmonic distortion see(1)
-73
dB
1. DAC + predriver chain distortion.
Table 26. Receiver input referred noise
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
V(RX_INP -
RX_INN)
Receiver input referred noise
CENELEC-A (35 kHz to 95 kHz)
16
dBµV
CENELEC -B (95 kHz to 125 kHz)
12
dBµV
CENELEC -C (125 kHz to 140 kHz)
8
dBµV
CENELEC -D (140 kHz to 148 kHz)
5
dBµV
ARIB STD-T84 (35 kHz to 400 kHz)
22
dBµV
FCC-LOW (35 kHz to 125 kHz)
17
dBµV
G3-FCC (150 kHz to 490 kHz)
21
dBµV
Table 27. PLC PGA characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(RX_INP),
V(RX_INN)
Receiver input maximum voltage
Single-ended mode
10
V p-p
V(RX_INP-
RX_INN)
Receiver input maximum voltage
Differential mode
20
V p-p
-
Receiver input bias voltage
AVDDD_5
V_PGA/2
V
-
Receiver input impedance
5.2
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com