Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 47 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 43Page - STMicroelectronics STCOM Datasheet HTML 44Page - STMicroelectronics STCOM Datasheet HTML 45Page - STMicroelectronics STCOM Datasheet HTML 46Page - STMicroelectronics STCOM Datasheet HTML 47Page - STMicroelectronics STCOM Datasheet HTML 48Page - STMicroelectronics STCOM Datasheet HTML 49Page - STMicroelectronics STCOM Datasheet HTML 50Page - STMicroelectronics STCOM Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
DocID028515 Rev 1
47/58
STCOM
Electrical characteristics
58
Table 14. Digital supply characteristics - Cortex™-M4 fetching from RAM
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ frequency = 24 MHz see(1)
9.6
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ frequency = 24 MHz see(1)
0.9
mA
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ frequency = 48 MHz see(1)
16.4
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ frequency = 48 MHz see(1)
0.9
mA
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ frequency = 72 MHz see(1)
23.8
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ frequency = 72 MHz see(1)
0.9
mA
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ frequency = 96 MHz see(1)
30.9
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ frequency = 96 MHz see(1)
0.9
mA
1. All the tests are performed with the following enabled digital blocks: 2 x GPT, 2 x SPI, 2 x USART, IPC, DMA, 2 x I2C, AES,
TRNG, QFS.
Table 15. Digital supply characteristics - Cortex™-M4 fetching data from eFlash
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ frequency = 24 MHz see(1)
11.2
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ frequency = 24 MHz see(1)
3.5
mA
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ frequency = 48 MHz see(1)
17.6
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ frequency = 48 MHz see(1)
3.6
mA
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ frequency = 72 MHz see(1)
24.2
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ frequency = 72 MHz see(1)
3.7
mA
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ frequency = 96 MHz see(1)
30.6
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ frequency = 96 MHz see(1)
3.8
mA
1. All the tests are performed with the following enabled digital blocks: 2 x GPT, 2 x SPI, 2 x USART, IPC, DMA, 2 x I2C, AES,
TRNG, QFS.
Table 16. Digital supply characteristics - DOZE (sleep)/deepsleep mode
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ in DOZE mode see(1)
6.5
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ in DOZE mode see(1)
0.9
mA
I(DVDD_1V2)
1.2 V digital supply current
Cortex™ in deepsleep mode see(1)
6.5
mA
I(DVDD_3V3)
3.3 V digital supply current
Cortex™ in deepsleep mode see(1)
0.9
mA
1. The test is performed with the following enabled digital blocks: 2 x GPT, 2 x SPI, 2 x USART, IPC, DMA, 2 x I2C, AES,
TRNG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com