Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 51 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 47Page - STMicroelectronics STCOM Datasheet HTML 48Page - STMicroelectronics STCOM Datasheet HTML 49Page - STMicroelectronics STCOM Datasheet HTML 50Page - STMicroelectronics STCOM Datasheet HTML 51Page - STMicroelectronics STCOM Datasheet HTML 52Page - STMicroelectronics STCOM Datasheet HTML 53Page - STMicroelectronics STCOM Datasheet HTML 54Page - STMicroelectronics STCOM Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
DocID028515 Rev 1
51/58
STCOM
Electrical characteristics
58
4.4.2
Line driver test circuit
Figure 9. Line driver test circuit
4.4.3
AFE characteristics
Transmission path characteristics
Table 24. DAC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
I(DAC_OUT)
CURRENT
DAC output current
Rx mode, current measured on both
outputs
0mA
I(DAC_OUT)
CURRENT
DAC output current
Tx mode, current measured on both
outputs
4mA
V(DAC_OUT)
Tx mode, differential
Rload = 120
± 1%
1
Vpp
V(DAC_OUT)
HD2
DAC output 2nd
harmonic distortion
R(DAC_OUT) = 120
Fclk = 20 MHz
Fout = 100 kHz
-76
dBc
V(DAC_OUT)
HD3
DAC output 3rd
harmonic distortion
-83
dBc
V(DAC_OUT)
THD
DAC output total
harmonic distortion
-74
dBc
V(DAC_OUT)
HD2
DAC output 2nd
harmonic distortion
R(DAC_OUT) = 120
Fclk = 20 MHz
Fout = 500 kHz
-74
dBc
V(DAC_OUT)
HD3
DAC output 3rd
harmonic distortion
-82
dBc
V(DAC_OUT)
THD
DAC output total
harmonic distortion
-73
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com