Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 1 Page - STMicroelectronics

  STCOM Datasheet HTML 1Page - STMicroelectronics STCOM Datasheet HTML 2Page - STMicroelectronics STCOM Datasheet HTML 3Page - STMicroelectronics STCOM Datasheet HTML 4Page - STMicroelectronics STCOM Datasheet HTML 5Page - STMicroelectronics STCOM Datasheet HTML 6Page - STMicroelectronics STCOM Datasheet HTML 7Page - STMicroelectronics STCOM Datasheet HTML 8Page - STMicroelectronics STCOM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
This is information on a product in full production.
October 2015
DocID028515 Rev 1
1/58
STCOM
Powerline communication and application system-on-chip
Datasheet
- production data
Features
 Integrated differential PLC analog front-end
– PGA with automatic gain control and ADC
– Current DAC with transmission predriver
– Digital transmission level control
– Zero crossing comparator
– Up to 500 kHz PLC signal bandwidth
 Integrated dual line driver
– 14 V p-p single ended, 28 V p-p differential
output range
– Very high linearity for EMC compliance
– Externally configurable amplifier topology
– 1 A rms max. current
– Embedded overtemperature protection
– Suitable for all PLC signals up to 500 kHz
 Fully reprogrammable real-time engine (RTE)
modem for PLC standards up to 500 kHz
 Integrated application core: ARM® 32-bit
Cortex™-M4F CPU
– 96 MHz maximum frequency
– 8-channel direct memory access controller
– 8-region memory protection unit
– Serial wire and JTAG interfaces
– Cortex-M4 Embedded Trace Macrocell™
– Up to 86 multiplexed GPIOs
– 11 timers
– 1 flexible CRC calculation unit
– 5 USARTs (ISO 7816 compliant), 5 SPI,
3 I2C
– 12-bit general purpose ADC with
6 channels
 Cryptographic engine
– AES 128/192/256 engine
– True random number generator
 Memories
– 640 kB or 1 MB of embedded Flash
– 128 kB of embedded SRAM
– 8 kB of embedded shared RAM
– Flexible static memory controller
 Clock management
– 24 MHz external crystal for system clock
with internal QFS synthesizer
– 32.768 kHz external crystal for RTC
 Power management
– 3.3 V and 8 - 18 V external supply voltages
– 1.2 V and 5 V integrated linear regulators
– Normal and low power modes
 Real-time clock (RTC)
– VBAT supply with battery health monitoring
for RTC and backup registers
 -40 °C to +85 °C operating temperature range
Applications
 Smart metering, smart grid and “Internet of
Things” applications
 Compliant with CENELEC, FCC, ARIB
regulations
TQFP176 (20 x 20 x 1 mm)
www.st.com


Similar Part No. - STCOM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STC VISHAY-STC Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
logo
Eravant
STC-11417400-06-C1 ERAVANT-STC-11417400-06-C1 Datasheet
280Kb / 3P
D-Band Down-Converter, 110 to 170 GHz
Rev 1.2
logo
Micro Electronics
STC-1506-2R4 MICRO-ELECTRONICS-STC-1506-2R4 Datasheet
202Kb / 1P
SMD POWER INDUCTORS
STC-1606-2R4 MICRO-ELECTRONICS-STC-1606-2R4 Datasheet
202Kb / 1P
SMD POWER INDUCTORS
logo
Eravant
STC-20-06-S1 ERAVANT-STC-20-06-S1 Datasheet
322Kb / 3P
D-Band Full Waveguide Band Down-Converter
Rev 1.5
More results

Similar Description - STCOM

ManufacturerPart #DatasheetDescription
logo
Yamar Electronics Ltd.
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
Transceiver for Powerline Communication
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20 Datasheet
1Mb / 44P
Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
Powerline Communication Solution Integrated Powerline Modem PHY
CY8CPLC20 CYPRESS-CY8CPLC20_12 Datasheet
902Kb / 56P
Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
Powerline Communication Solution
logo
STMicroelectronics
AN4068 STMICROELECTRONICS-AN4068 Datasheet
5Mb / 63P
ST7580 power line communication system-on-chip design guide
04-Jul-2012
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
Broadband powerline communication SoC optimized
23-May-2014
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
CAN over Powerline Communication
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
Programmable power line communication modem System on Chip
19-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com