Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 56 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 50Page - STMicroelectronics STCOM Datasheet HTML 51Page - STMicroelectronics STCOM Datasheet HTML 52Page - STMicroelectronics STCOM Datasheet HTML 53Page - STMicroelectronics STCOM Datasheet HTML 54Page - STMicroelectronics STCOM Datasheet HTML 55Page - STMicroelectronics STCOM Datasheet HTML 56Page - STMicroelectronics STCOM Datasheet HTML 57Page - STMicroelectronics STCOM Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
Package information
STCOM
56/58
DocID028515 Rev 1
5.2
Thermal data
Table 33. TQFP176 (20 x 20 x 1 mm) package mechanical data
Symbol
Dimensions (millimeters)
Min.
Typ.
Max.
A
1.20
A1
0.05
0.127
A2
0.95
1.00
1.05
b
0.13
0.18
0.23
c
0.09
0.20
D
21.80
22.00
22.20
D1
19.80
20.00
20.20
D2
8.70
D3
17.20
E
21.80
22.00
22.20
E1
19.80
20.00
20.20
E2
8.70
E3
17.20
e0.40
L
0.45
0.60
0.75
L1
1.00
k
0°3.5°7°
ccc
0.08
Table 34. Thermal data
Symbol
Parameter
Conditions
Typ.
value
Unit
RthJA
Maximum thermal resistance junction
ambient steady state
Mounted on a 2s2p PCB, with a dissipating
surface, connected through vias, on the bottom
side of the PCB.
34
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com